Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE2004DIE1 Datasheet(PDF) 37 Page - STMicroelectronics

Part # STE2004DIE1
Description  102 X 65 SINGLE CHIP LCD CONTROLLER / DRIVER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2004DIE1 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STE2004DIE1 Datasheet HTML 33Page - STMicroelectronics STE2004DIE1 Datasheet HTML 34Page - STMicroelectronics STE2004DIE1 Datasheet HTML 35Page - STMicroelectronics STE2004DIE1 Datasheet HTML 36Page - STMicroelectronics STE2004DIE1 Datasheet HTML 37Page - STMicroelectronics STE2004DIE1 Datasheet HTML 38Page - STMicroelectronics STE2004DIE1 Datasheet HTML 39Page - STMicroelectronics STE2004DIE1 Datasheet HTML 40Page - STMicroelectronics STE2004DIE1 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 66 page
background image
37/66
STE2004
5
INSTRUCTION SET
Two different instructions formats are provided:
- With D/C set to LOW : commands are sent to the Control circuitry.
- With D/C set to HIGH : the Data RAM is addressed.
Two different instruction set are embedded: the STE2001-like instruction set and the extended instruction
set. To select the STE2001-like instruction set the EXT pad has to be connected to a logic LOW (connect
to GND). To select the he extended instruction the EXT pad has to be connected to a logic HIGH (connect
to VDD1).
The instructions have the syntax summarized in Table 1 (basic-set) and Table 2 (extended set)
5.1 Reset (RES)
At power-on, all internal registers are configured with the default value. The RAM content is not defined.
A Reset pulse on RES pad (active low) re-initialize the internal registers content (see Tables 3,4,5,&6).
Every on-going communication with the host controller is interrupted, applying a reset pulse. After the
power-on, the Software Reset instruction can be used to re-load the reset configuration into the internal
registers.
The Default configurations is:
A MEMORY BLANK instruction can be executed to clear the DDRAM content.
5.2 Power Down (PD = 1)
When at Power Down, all LCD outputs are kept at VSS (display off). Bias generator and VLCD generator
are OFF (VLCDOUT output is discharged to VSS, and then is possible to disconnect VLCDOUT). The internal
Oscillator is in off state. An external clock can be provided. The RAM contents is not cleared.
5.3 Memory Blanking Procedure
This instruction allows to fill the memory with "blank" patterns, in order to delete patterns randomly gener-
ated in memory when starting up the device. This instruction substitutes (102X8) single "write" instruc-
tions. It is possible to program "Memory Blanking Procedure" only under the following conditions:
- PD bit
= 0
No instruction can be programmed for a period equivalent to 102X8 internal write cycles (102X8X1/fclock).
The start of Memory blanking procedure will be between one and two fclock cycles from the last active
edge (E fallig edge for the parallel interface, last SCLK rising edge for the Serial & SPI interfaces, last SCL
rising edge for the I2C interface).
5.4 Checker Board Procedure
This instruction allows to fill the memory with "checker-board" pattern. It is mainly intended to developers,
who can now simply obtain complex module test configuration by means of a single instruction. It is pos-
sible to program "Checker Board Procedure" only under the following conditions:
- PD bit
= 0
- Horizontal addressing (V = 0)
- Normal instruction set (H[1:0] = 0)
- Normal display (MX = MY = 0)
- Display blank (E = D = 0)
- Address counter X[6: 0] = 0 and Y[4: 0] = 0
- Temperature coefficient (TC[1: 0] = 0)
- Bias system (BS[2: 0] = 0)
- Multiplexing Ratio (M[1:0]=0 - MUX 65)
- Frame Rate (FR[1:0]=”75Hz”)
- Power Down (PD = 1)
- Dual Partial Display Disabled (PE=0)
- VOP=0
- Y-CARRIAGE=8
- X-CARRIAGE=101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com