Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-00403G Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # S-00403G
Description  LCD BACK LIGHT, TAB TYPE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

S-00403G Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  S-00403G Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
S-00808G
LCD BACK LIGHT, TAB TYPE
Chip
Electro-Optical Characteristics
Iv(cd/m
2)
Vf(V)
Part No.
Luminous Area
(mm)
Raw
Material
Emitted
Color
Wave
Length
λp(nm)
Input
Current
Typ.
Typ.
S-00808G
28.4X47.5mm
GaP
Yellow
Green
570
IF =80mA
20
4.2
S-00403G
LCD BACK LIGHT, TAB TYPE
REFLECTIVE FILM
-
+
-
+
-
+
-
+
Chip
Electro-Optical Characteristics
Iv(cd/m
2)
Vf(V)
Part No.
Luminous Area
(mm)
Raw
Material
Emitted
Color
Wave
Length
λp(nm)
Input
Current
Typ.
Typ.
S-00403G
41.0X93.0mm
GaP
Yellow
Green
570
IF =40mA
25
4.2
1.All dimension are in millimeters.
2.Tolerance is ±0.20 mm unless otherwise specified.


Similar Part No. - S-00403G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S-00406VG ETC1-S-00406VG Datasheet
105Kb / 1P
LCD BACK LIGHT, COG TYPE
More results

Similar Description - S-00403G

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62295GP MITSUBISHI-M62295GP Datasheet
57Kb / 7P
LCD BACK-LIGHT CONTROL IC
logo
Fairchild Semiconductor
FAN7310 FAIRCHILD-FAN7310 Datasheet
360Kb / 10P
LCD Back Light Inverter Drive IC
FAN7300 FAIRCHILD-FAN7300 Datasheet
672Kb / 12P
LCD Back Light Inverter Drive IC
FAN7315 FAIRCHILD-FAN7315 Datasheet
315Kb / 8P
LCD Back Light Inverter Drive IC
logo
List of Unclassifed Man...
K-18001GX-P ETC1-K-18001GX-P Datasheet
98Kb / 1P
LCD BACK LIGHT, COB TYPE, LCD CHARACTER 240 X 128
K-03203GX ETC1-K-03203GX Datasheet
145Kb / 1P
LCD BACK LIGHT, COB TYPE, LCD CHARACTER 16X1(L)
K-04211GX-P ETC1-K-04211GX-P Datasheet
100Kb / 1P
LCD BACK LIGHT, COB TYPE, LCD CHARACTER 20 X 2, 16 X 4
S-00201G ETC1-S-00201G Datasheet
105Kb / 1P
LCD BACK LIGHT, COG TYPE
logo
Fairchild Semiconductor
FAN7310 FAIRCHILD-FAN7310_05 Datasheet
359Kb / 12P
LCD Back Light Inverter Drive IC
logo
Renesas Technology Corp
M62295GP RENESAS-M62295GP Datasheet
169Kb / 11P
LCD Back-light Control IC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com