Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHFL4913ESY151 Datasheet(PDF) 9 Page - STMicroelectronics

Part # RHFL4913ESY151
Description  1.5 V rad-hard positive fixed voltage regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFL4913ESY151 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button RHFL4913ESY151 Datasheet HTML 5Page - STMicroelectronics RHFL4913ESY151 Datasheet HTML 6Page - STMicroelectronics RHFL4913ESY151 Datasheet HTML 7Page - STMicroelectronics RHFL4913ESY151 Datasheet HTML 8Page - STMicroelectronics RHFL4913ESY151 Datasheet HTML 9Page - STMicroelectronics RHFL4913ESY151 Datasheet HTML 10Page - STMicroelectronics RHFL4913ESY151 Datasheet HTML 11Page - STMicroelectronics RHFL4913ESY151 Datasheet HTML 12Page - STMicroelectronics RHFL4913ESY151 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
RHFL4913XX15
Electrical characteristics
DocID028784 Rev 1
9/32
4
Electrical characteristics
TJ = 25 °C, VI = 3 V, Vo = 1.5 V, CI = CO = 1 µF tantalum, unless otherwise specified.
Typical values are measured at 25 °C.
Table 4: Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ. Max.
Unit
VI
Operating input voltage
IO = 5 mA
-55 °C < TJ < + 125 °C
3
12
V
VO
Output voltage accuracy
IO = 5 mA
1.46
1.54
V
ISHORT
Output current limit (1)
Adjustable by external resistor
4.5
A
ΔVO/ΔVI Line regulation
VI = 3 to 12 V, IO = 5 mA,
TJ =+25 °C
0.03
0.3
%
VI = 3 to 12 V, IO = 5 mA,
TJ = -55°C
0.4
VI = 3 to 12 V, IO = 5 mA,
TJ = +125 °C
0.4
ΔVO/ΔIO Load regulation
IO = 5 mA to 400 mA
TJ = + 25 °C
0.1
0.4
%
IO = 5 mA to 400 mA
-55 °C < TJ < +125 °C
0.4
IO = 5 mA to 1 A
TJ = + 25 °C
0.2
0.6
IO = 5 mA to 1 A
-55 °C < TJ < + 125 °C
0.6
ZOUT
Output impedance
IO = 100 mA DC and
20 mA rms
100
mΩ
Iq
Quiescent current
IO = 5 mA, on mode
-55 °C < TJ < + 125 °C
1.8
6
mA
IO = 30 mA, on mode
-55 °C < TJ < +125 °C
2.5
8
IO = 30 mA, on mode
TJ = +25 °C
5
IO = 300 mA, on mode
-55 °C < TJ < + 125 °C
8
30
IO = 300 mA, on mode
TJ = +25 °C
25
IO = 1 A, on mode, TJ = -55 °C
100
IO = 1 A, on mode, TJ = +25 °C
23
60
IO = 1 A, on mode, TJ = +125 °C
40
VI = VO + 2 V,
VINH = 2.4 V off mode
0.2
0.6
VINH(ON) Inhibit voltage
IO = 5 mA
-55 °C < TJ < + 125 °C
0.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com