Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHFL4913ESY151 Datasheet(PDF) 21 Page - STMicroelectronics

Part # RHFL4913ESY151
Description  1.5 V rad-hard positive fixed voltage regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFL4913ESY151 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button RHFL4913ESY151 Datasheet HTML 17Page - STMicroelectronics RHFL4913ESY151 Datasheet HTML 18Page - STMicroelectronics RHFL4913ESY151 Datasheet HTML 19Page - STMicroelectronics RHFL4913ESY151 Datasheet HTML 20Page - STMicroelectronics RHFL4913ESY151 Datasheet HTML 21Page - STMicroelectronics RHFL4913ESY151 Datasheet HTML 22Page - STMicroelectronics RHFL4913ESY151 Datasheet HTML 23Page - STMicroelectronics RHFL4913ESY151 Datasheet HTML 24Page - STMicroelectronics RHFL4913ESY151 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
RHFL4913XX15
Device description
DocID028784 Rev 1
21/32
7
Device description
The device fixed voltage contains a PNP type power element controlled by a signal
resulting from the amplified comparison between the internal temperature compensated
bandgap cell and the fraction of the desired output voltage value. This fractional value is
obtained by an internal-to-die resistor divider bridge set by STMicroelectronics. The device
embeds current limit and thermal protection circuits.
7.1
Low pin count package limitations
Some functions (INHIBIT, OCM, SENSE) are not available due to lack of pins on the
SMD.5 and TO-257 packages. Corresponding die pads are by default connected inside the
silicon.
7.2
SENSE pin
The load voltage is connected to SENSE pin by a Kelvin line: voltage feedback comes from
the internal divider resistor bridge. Therefore, possible output voltages are set by
manufacturer's mask metal options. SENSE pin is not available in 3-pin packages.
7.3
Inhibit ON-OFF control
By setting INHIBIT pin TTL-high, the device switches off the output current and voltage.
The device is on when INHIBIT pin is set low. Since INHIBIT pin is internally pulled down, it
can be left floating in case inhibit function is not used. INHIBIT pin is not available in 3-pin
packages.
7.4
Overtemperature protection
A temperature detector internally monitors the power element junction temperature. The
device goes off at 175 °C and it is again on mode when it is at 135 °C.
When the internal temperature detector reaches 175 °C, the active power element can be
at 225 °C: the device reliability cannot be granted in case of extensive operation beyond
these conditions.
7.5
Overcurrent protection
An internal foldback short-circuit limitation is set with ISHORT typically higher than 3.8 A (VO
is 0 V). This value can be reduced by an external RSH resistor connected between ISC pin
and VI
pin, with a typical value range from 25 kΩ to 200 kΩ. Lower values can be used, but
the sample-to-sample spread for the given value increases. This adjustment feature is not
available in 3-pin packages. To keep excellent VO regulation, ISHORT should be set 1.6 times
greater than the maximum desired application IO. When IO reaches ISHORT
– 300 mA, the
current limiter overrules regulation, VO starts to drop and the OCM flag rises. When no
current limitation adjustment is required, ISC pin must be left un-biased (as it is in 3-pin
packages). To choose the proper value of the RSH resistor, refer to Figure 35: "Short-circuit
current vs. RSH" and Figure 36: "Short-circuit current vs. RSH (magnification)".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com