Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS20M100SR Datasheet(PDF) 2 Page - STMicroelectronics

Part # PS20M100SR
Description  100 V, 20 A power Schottky rectifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PS20M100SR Datasheet(HTML) 2 Page - STMicroelectronics

  PS20M100SR Datasheet HTML 1Page - STMicroelectronics PS20M100SR Datasheet HTML 2Page - STMicroelectronics PS20M100SR Datasheet HTML 3Page - STMicroelectronics PS20M100SR Datasheet HTML 4Page - STMicroelectronics PS20M100SR Datasheet HTML 5Page - STMicroelectronics PS20M100SR Datasheet HTML 6Page - STMicroelectronics PS20M100SR Datasheet HTML 7Page - STMicroelectronics PS20M100SR Datasheet HTML 8Page - STMicroelectronics PS20M100SR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
1
Characteristics
Table 1. Absolute ratings (limiting values with anode terminals short circuited, at 25 °C unless otherwise
specified)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
100
V
IF(RMS)
Forward rms current
30
A
IF(AV)
Average forward current δ = 0.5, square wave
TO-220AB
D²PAK
I²PAK
TC = 130 °C
20
A
TO-220FPAB
TC = 85 °C
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
350
A
PARM
Repetitive peak avalanche power
tp = 10 µs, Tj = 125 °C
1150
W
Tstg
Storage temperature range
-65 to +175
°C
Tj
Maximum operating junction temperature (1)
+150
°C
1. (dPtot/dTj) < (1/Rth(j-a)) condition to avoid thermal runaway for a diode on its own heatsink.
Table 2. Thermal resistance parameter
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case
TO-220AB, D²PAK, I²PAK
1.2
°C/W
TO-220FPAB
4
For more information, please refer to the following application note :
•
AN5088 : Rectifiers thermal management, handling and mounting recommendations
Table 3. Static electrical characteristics (anode terminals short circuited)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR (1)
Reverse leakage current
Tj = 25 °C
VR = 70 V
-
5
µA
Tj = 125 °C
-
5
mA
Tj = 25 °C
VR = 100 V
-
10
40
µA
Tj = 125 °C
-
10
40
mA
VF (2)
Forward voltage drop
Tj = 25 °C
IF = 5 A
-
550
mV
Tj = 125 °C
-
455
Tj = 25 °C
IF = 10 A
-
660
730
Tj = 125 °C
-
530
600
Tj = 25 °C
IF = 20 A
-
775
850
Tj = 125 °C
-
610
690
1. Pulse test: tp = 5 ms, δ < 2%
2. Pulse test: tp = 380 µs, δ < 2%
STPS20M100S
Characteristics
DS6169 - Rev 5
page 2/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com