Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS20M100SR Datasheet(PDF) 4 Page - STMicroelectronics

Part # PS20M100SR
Description  100 V, 20 A power Schottky rectifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PS20M100SR Datasheet(HTML) 4 Page - STMicroelectronics

  PS20M100SR Datasheet HTML 1Page - STMicroelectronics PS20M100SR Datasheet HTML 2Page - STMicroelectronics PS20M100SR Datasheet HTML 3Page - STMicroelectronics PS20M100SR Datasheet HTML 4Page - STMicroelectronics PS20M100SR Datasheet HTML 5Page - STMicroelectronics PS20M100SR Datasheet HTML 6Page - STMicroelectronics PS20M100SR Datasheet HTML 7Page - STMicroelectronics PS20M100SR Datasheet HTML 8Page - STMicroelectronics PS20M100SR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Figure 5. Relative variation of thermal impedance junction
to case versus pulse duration (TO-220AB, D²PAK, I²PAK)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-03
1.E-02
1.E-01
1.E+00
tP(s)
Single pulse
Zth(j-c)/Rth(j-c)
Figure 6. Relative variation of thermal impedance junction
to case versus pulse duration (TO-220FPAB)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
tP(s)
Single pulse
Zth(j-c)/Rth(j-c)
Figure 7. Junction capacitance versus reverse voltage
applied (typical values)
100
1000
10000
1
10
100
VR(V)
F = 1 MHz
VOSC = 30 mVRMS
Tj= 25 °C
C(pF)
Figure 8. Forward voltage drop versus forward current
(anode terminals short circuited)
0
5
10
15
20
25
30
35
40
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
VF (V)
Tj= 25 °C
(Maximum values)
Tj= 125 °C
(Maximum values)
Tj= 125 °C
(Typical values)
IF(A)
Figure 9. Thermal resistance junction to ambient versus copper surface under tab for D²PAK
0
10
20
30
40
50
60
70
80
0
5
10
15
20
25
30
35
40
Rth(j-a) (°C/W)
D²PAK
Epoxy printed board FR4, copper thickness = 35 µm
SCu(cm²)
STPS20M100S
Characteristics (curves)
DS6169 - Rev 5
page 4/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com