Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHFL4913ESY331 Datasheet(PDF) 9 Page - STMicroelectronics

Part # RHFL4913ESY331
Description  Rad-hard positive fixed voltage regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFL4913ESY331 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button RHFL4913ESY331 Datasheet HTML 5Page - STMicroelectronics RHFL4913ESY331 Datasheet HTML 6Page - STMicroelectronics RHFL4913ESY331 Datasheet HTML 7Page - STMicroelectronics RHFL4913ESY331 Datasheet HTML 8Page - STMicroelectronics RHFL4913ESY331 Datasheet HTML 9Page - STMicroelectronics RHFL4913ESY331 Datasheet HTML 10Page - STMicroelectronics RHFL4913ESY331 Datasheet HTML 11Page - STMicroelectronics RHFL4913ESY331 Datasheet HTML 12Page - STMicroelectronics RHFL4913ESY331 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
7
Notes about FLAT-16P package
The bottom of package is metallized to allow user to directly solder the voltage regulator to PCB, no heat sink
needed, in order to optimize heat removal performance.
This AlN ceramic package features a low thermal coefficient of expansion (TCE) significantly lower than the TCE
of some PCBs. TCE= 4.7 ppm/K; Thermal conductivity= 150 W/mK.
It is therefore recommended, especially when its bottom metallic dissipation plate is brazed (as opposed to
glued), to carefully design the PCB (material, thickness, layout…) and the mounting process to secure that the
package and the solder joint can sustain the worst case temperature cycling its must be qualified for ( the highest
constraints are at lowest temperature). It is strongly recommended to make sure that the actual mounting is well
covered by the qualified mounting process for each parameters (PCB material, thickness, layout, temperature
profile...).
7.1
Radiation performance
The RHFL4913F has been tested against: 300 krad TID ELDERS in accordance with Mil-1019.6, bipolar section:
post radiation parameters are within datasheet pre-rad limits.
Submitted to 200 MeV Iodine ions of 60.4 MeV/cm2/mg LET up to 1exp(+7) ions / cm2, no SEL event has been
detected.
7.2
Die information
The RHFL4913 fixed is also available in die form. Space dice are electrically tested by STMicroelectronics in such
a way that, when mounted in proper thermal and electrical substrate, they provide full compliance with equivalent
packaged product.
•
Max. die dimensions: 2.794 mm by 3.861 mm or 110 mils by 152 mils
•
Die thickness: 357 μm +/- 50 μm
•
Pad size: 184 μm by 184 μm
•
Metallization: Aluminum 4% silicon alloy
•
Die backside: Bare silicon
•
Die backside potential: Ground
Figure 5. Die size
Note:
Die SENSE pad is active in the RHFL4913 fixed die. It shall not be left unbonded. It should be bonded to VO pin.
Die adjust pad is available in the die layout but is not electrically connected to the IC. It shall be left unconnected
during hybrid bonding.
RHFL4913XX25, RHFL4913XX33, RHFL4913XX50
Notes about FLAT-16P package
DS3260 - Rev 15
page 9/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com