Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHFL4913ESY331 Datasheet(PDF) 1 Page - STMicroelectronics

Part # RHFL4913ESY331
Description  Rad-hard positive fixed voltage regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFL4913ESY331 Datasheet(HTML) 1 Page - STMicroelectronics

  RHFL4913ESY331 Datasheet HTML 1Page - STMicroelectronics RHFL4913ESY331 Datasheet HTML 2Page - STMicroelectronics RHFL4913ESY331 Datasheet HTML 3Page - STMicroelectronics RHFL4913ESY331 Datasheet HTML 4Page - STMicroelectronics RHFL4913ESY331 Datasheet HTML 5Page - STMicroelectronics RHFL4913ESY331 Datasheet HTML 6Page - STMicroelectronics RHFL4913ESY331 Datasheet HTML 7Page - STMicroelectronics RHFL4913ESY331 Datasheet HTML 8Page - STMicroelectronics RHFL4913ESY331 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Features
•
2 and 3 A low dropout voltage
•
Embedded overtemperature and overcurrent protection
•
Adjustable current limitation
•
Output overload monitoring/signalling
•
Fixed 2.5 V, 3.3 V, 5.0 V output voltages
•
Inhibit (ON/OFF) TTL-compatible control
•
Programmable output short-circuit current
•
Remote sensing operation
•
Rad-hard: tested up to 300 krad Mil Std 883E Method 1019.6 low dose rate
conditions
•
Heavy Ion, SEL immune
•
QML-V qualified, DLA SMD are 5962F02534 / 02535 / 02536
Description
The RHFL4913XX25, RHFL4913XX33 and RHFL4913XX50 belong to a high-
performance rad-hard positive fixed voltage regulator family. Available in various
hermetic ceramic packages, they are suitable for harsh environments. Input supply
range is up to 12 V. These devices are QML-V qualified, DLA SMD are 5962F02534 /
02535 / 02536.
Maturity status link
RHFL4913XX25, RHFL4913XX33 and
RHFL4913XX50
Rad-hard positive fixed voltage regulator
RHFL4913XX25, RHFL4913XX33, RHFL4913XX50
Datasheet
DS3260 - Rev 15 - February 2021
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - RHFL4913ESY331

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHFL4913ESY331 STMICROELECTRONICS-RHFL4913ESY331 Datasheet
266Kb / 19P
Rad-hard positive fixed voltage regulator
26-Aug-2008
RHFL4913ESY331 STMICROELECTRONICS-RHFL4913ESY331 Datasheet
273Kb / 19P
Rad-hard positive fixed voltage regulator
19-Oct-2010
More results

Similar Description - RHFL4913ESY331

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHFL4913 STMICROELECTRONICS-RHFL4913 Datasheet
185Kb / 11P
RAD-HARD POSITIVE FIXED VOLTAGE REGULATORS
05-May-2004
RHFL4913 STMICROELECTRONICS-RHFL4913_07 Datasheet
418Kb / 16P
Rad-Hard Adjustable positive voltage regulator
26-Jan-2007
RHFL4913_0711 STMICROELECTRONICS-RHFL4913_0711 Datasheet
433Kb / 19P
Rad-hard adjustable positive voltage regulator
23-Nov-2007
RHFL4913XX15 STMICROELECTRONICS-RHFL4913XX15 Datasheet
266Kb / 19P
Rad-hard positive fixed voltage regulator
26-Aug-2008
RHFL4913A STMICROELECTRONICS-RHFL4913A Datasheet
426Kb / 20P
Rad-hard adjustable positive voltage regulator
21-Jan-2010
RHFL4913XX25 STMICROELECTRONICS-RHFL4913XX25_10 Datasheet
273Kb / 19P
Rad-hard positive fixed voltage regulator
19-Oct-2010
RHFL4913A STMICROELECTRONICS-RHFL4913A_12 Datasheet
302Kb / 20P
Rad-hard adjustable positive voltage regulator
20-Aug-2012
RHFL6000A STMICROELECTRONICS-RHFL6000A Datasheet
1Mb / 31P
2 A rad-hard adjustable positive voltage regulator
12-Oct-2015
logo
Anaren Microwave
MSK5953RH ANAREN-MSK5953RH Datasheet
1Mb / 9P
RAD HARD DUAL POSITIVE LDO ADJ VOLTAGE REGULATOR
logo
STMicroelectronics
RHFL4913XX15 STMICROELECTRONICS-RHFL4913XX15_V01 Datasheet
1Mb / 32P
1.5 V rad-hard positive fixed voltage regulator
17-Dec-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com