Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIMB-R431F-21A1E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # AIMB-R431F-21A1E
Description  2U Rackmount Chassis for ATX and uATX Motherboard
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AIMB-R431F-21A1E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  AIMB-R431F-21A1E Datasheet HTML 1Page - Advantech Co., Ltd. AIMB-R431F-21A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
ACP-2020G
Dimensions
Unit: mm [inch]
Packing List
Part numbers
Description
Quantity
ACP-2020G
Chassis with handle set
1
1990021407T000
Door filter
1
1750008568-01
System fan 80x38mm
2
1700025571-01
System fan cable
2
1700024630-11
Right angle SATA cable
(use with AIMB series motherboard)
2
1700031764-01
6+2P extension cable of ACP-2020G
2
Contents of Accessory Box
A Pair of Internal 2.5" HDD frame
1
Keys
2
Screws/nuts and rubber for motherboard and devices
one bag
GPU card support rubber bracket and thumb screws
one bag
2001202010
User manual
1
Suggest Riser Card
Part Number
Description
ASMB-RM2F4-11A1
Riser card set for AIMB and ASMB motherboard.
Set 1-Interface PCIeX16 to PCIeX16 and extension card
Set 2-Interface PCIeX4 to PCIeX4 and extension card
ASMB-RF1F-10A1E
Riser card for ASMB motherboard, interface PCIeX16 to
PCIeX16
AIMB-R431F-21A1E
Riser card for AIMB motherboard, interface PCIeX16 to
PCIExX16 and PCIeX4 to two PCIeX1
Optional Accessories
Part number
Description
96CB-SATAPOWER-6P2
SATA power wire 6-pin to big 4-pin (for slim ODD)
98R1310010E
2.5" SATA/SAS Hot-swap module
98R12020000
Pack of 2-Pin Phoenix connector , one 2P cable and two
screws
1700000321-01
COM cable for rear panel opening (for AIMB-7 series)
98R22020000
Handle set (one pair)
Ordering Information
Part Number
Power supply
80 Plus grade
Power supply type
Wattage
Switch
ACP-2020G-85Z
XHPC-FSP85050FGPH3
Platinum
Single
850W
ATX
* Due to mechanical limitation, ACP-2020G can not use low profile rear panel
426.4 [16.79]
44.2 [1.74]
464.5 [18.29]
482 [18.98]



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com