Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIMB-R431F-21A1E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # AIMB-R431F-21A1E
Description  2U Rackmount Chassis for ATX and uATX Motherboard
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AIMB-R431F-21A1E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  AIMB-R431F-21A1E Datasheet HTML 1Page - Advantech Co., Ltd. AIMB-R431F-21A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Chassis
Features
ACP-2020G 2URackmountChassisforATXanduATX
Motherboard
ƒ
Support ATX and uATX form factor single processor motherboard with max
80W CPU TDP
ƒ
Special modularized card cage to provide 350W GPU card tool-less
installation experience
ƒ
Two Internal 2.5" or one 3.5" drive bay and optional 2.5" hot-swap module
available
ƒ
Built in 80 Plus Platinum grade single 850W power supply
Specifications
Drive Bay
External
Internal
Slim Optical Drive
1
-
2.5" (up to 15 mm)
2 (hot-swap tray module as optional)*
1
3.5"
-
1
Card cage
Compatible with full height (111.15mm) and full length ( 340.69mm) add-on card. The top layer slot compatible
with double deck add-on cards
Cooling
Fan
2 ( 8cm / 103 CFM)
Air Filter
Yes
Front I/O Interface
USB 2.0
2
Miscellaneous
LED Indicators
Power, HDD
Rear Panel
Two 9 pin D-Sub and phoenix connector
Reserved power switch module for rear-mount scenario
System Monitoring
Chassis intrusion switch
Environment
Operating
Non-Operating
Temperature
0 ~ 40 °C (32 ~ 104 °F)
-20 ~ 60 °C (-4 ~ 140 °F)
Humidity
10 ~ 85% @ 40 °C, non-condensing
10 ~ 95% @ 60 °C, non-condensing
Vibration (5 ~ 500 Hz)
0.5 Grms
2 G
Shock
10 G (with 11 ms duration, half sine wave)
Physical Characteristics
Dimensions (W x H x D)
482 x 88 x 445 mm (18.96" x 3.46" x 17.52")
Weight
11.78 kg (25.97 lb)
*Internal drive space to be either 3.5"*1 or 2.5"*2.
Front View
Rear View
Top View
Power and LED indicator module
Optional 2-pin
Phoenix connector
Slim ODD drive bay
Single 850W power supply
Dual USB 2.0 port
Set the front “Power and
LED indicator module” here
HDD drive bay
(hot-swap module as optional)
Optional SATA/SAS
hot-swap tray module
98R1310010E
Dual CFM 103 system fan
Intrusion switch
Single 850W power supply
Modularized card cage
for full size add-on card
Support ATX/uATX motherboard
with max. TDP 80W
Add-on card cage for
tool-less GPU card
installation
NEW
All product specifications are subject to change without notice.
Last updated: 10-Nov-2021


Similar Part No. - AIMB-R431F-21A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIMB-R431F-21A1E ADVANTECH-AIMB-R431F-21A1E Datasheet
1Mb / 1P
Riser Card Selection Guide
AIMB-R431F-21A1E ADVANTECH-AIMB-R431F-21A1E Datasheet
892Kb / 2P
Riser Cards & Add on Cards
30-Aug-2017
AIMB-R431F-21A1E ADVANTECH-AIMB-R431F-21A1E Datasheet
597Kb / 2P
LGA1151 6th/7th Generation Intel® Core™ i7/i5/i3/Pentium®/Celeron® ATX with Triple Display, DDR4, SATA III
3-Jan-2023
AIMB-R431F-21A1E ADVANTECH-AIMB-R431F-21A1E Datasheet
590Kb / 2P
LGA1151 8th/9th Generation Intel® Core™ i7/i5/i3 & Pentium®/Celeron ON® ATX with Triple Display, DDR4, USB 3.1, SATA 3.0
3-Jan-2023
AIMB-R431F-21A1E ADVANTECH-AIMB-R431F-21A1E Datasheet
644Kb / 2P
LGA1200 10th Generation Intel® Core™ i9/i7/i5/i3 & Pentium®/Celeron® ATX with DP/DVI/VGA, DDR4, USB 3.2, M.2
4-Jan-2023
More results

Similar Description - AIMB-R431F-21A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ACP-4000MB ADVANTECH-ACP-4000MB Datasheet
190Kb / 2P
4U Rackmount Chassis for ATX Motherboard
logo
AAEON Technology
ARC-615M AAEON-ARC-615M Datasheet
421Kb / 2P
1U Rackmount Chassis, Industrial ATX/ uATX Motherboard
logo
Axiomtek Co., Ltd.
AX61131TM AXIOMTEK-AX61131TM Datasheet
231Kb / 2P
1U Rackmount Chassis for ATX Motherboard
AX61132TM AXIOMTEK-AX61132TM_16 Datasheet
304Kb / 2P
1U Rackmount Chassis for ATX Motherboard
AX61221TM AXIOMTEK-AX61221TM_16 Datasheet
287Kb / 2P
2U Rackmount Chassis for ATX Motherboard
AX61221TM AXIOMTEK-AX61221TM_17 Datasheet
286Kb / 2P
2U Rackmount Chassis for ATX Motherboard
logo
Advantech Co., Ltd.
ACP-2010 ADVANTECH-ACP-2010 Datasheet
785Kb / 2P
2U Rackmount Chassis for ATX/MicroATX Motherboard
ACP-2010MB ADVANTECH-ACP-2010MB_13 Datasheet
541Kb / 2P
2U Rackmount Chassis for ATX/MicroATX Motherboard
IPC-7132 ADVANTECH-IPC-7132_V01 Datasheet
836Kb / 2P
Cost-effective Wallmount Chassis for ATX/uATX Motherboard
2-Apr-2018
ACP-2020 ADVANTECH-ACP-2020 Datasheet
819Kb / 2P
2U Rackmount Short Depth Chassis for ATX and mATX Motherboard
9-Aug-2017
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com