Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMLM Datasheet(PDF) 4 Page - TRACO Electronic AG

Part # TMLM
Description  TMLM Series, 4 to 20 Watt
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG

TMLM Datasheet(HTML) 4 Page - TRACO Electronic AG

  TMLM Datasheet HTML 1Page - TRACO Electronic AG TMLM Datasheet HTML 2Page - TRACO Electronic AG TMLM Datasheet HTML 3Page - TRACO Electronic AG TMLM Datasheet HTML 4Page - TRACO Electronic AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Specifications can be changed without notice! Make sure you are using the latest documentation, downloadable at www.tracopower.com
www.tracopower.com
Weight: 30 g (1.06 oz)
Pin diameter: 1.0 (0.04)
Rev. March 21, 2023
Dimensions in [mm], () = Inch
Tolerances: ±0.5 (±0.02)
Pin pitch tolerance: ±0.3 (±0.012)
Max mounting screw penetration: 3.0 mm (0.12)
TMLM 10 Models:
Weight: 54 g (1.91 oz)
Page 4 of 4
Outline Dimensions
25.4 (1.00)
20.32 (0.80)
10.16
(0.40)
2.6
(0.81)
15.16
(0.59)
8.0
(0.31)
23.5 (0.93)
8.0
(0.31)
27.2 (1.07)
20.32 (0.80)
10.16
(0.40)
3.5
(0.13)
M3 THD
4.50
(0.18)
27.2 (1.07)
20.32 (0.80)
10.16
(0.40)
3.5
(0.13)
23.5 (0.93)
8
(0.31)
M3 THD
4.50
(0.18)
TMLM 20 Models:
Pin diameter: 1.0 (0.04)
Pin diameter: 1.0 (0.04)
TMLM 05 Models:
Weight: 59 g (2.08 oz)
AC/DC Power Modules
TMLM Series
4 to 20 Watt



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com