Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMLM Datasheet(PDF) 1 Page - TRACO Electronic AG

Part # TMLM
Description  TMLM Series, 4 to 20 Watt
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG

TMLM Datasheet(HTML) 1 Page - TRACO Electronic AG

  TMLM Datasheet HTML 1Page - TRACO Electronic AG TMLM Datasheet HTML 2Page - TRACO Electronic AG TMLM Datasheet HTML 3Page - TRACO Electronic AG TMLM Datasheet HTML 4Page - TRACO Electronic AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
http://www.tracopower.com
AC/DC Power Modules
TMLM Series, 4 to 20 Watt
The TMLM Series switching power supplies, offer highest power density in a fully en-
capsulated module which can be soldered directly on to PCBs. This feature makes
these modules an ideal solution for all space critical applications in commercial and
industrial electronic equipment. International safety approvals qualify the product for
worldwide markets. SMD-technology and high efficiency guarantees a high reliability
of these Power Supplies.
Features
u AC/DC power modules for PCB mounting
u Highest power density
u Fully encapsulated plastic case
u Universal input 90–264 VAC, 47–440 Hz
u High efficiency
u EMI meets EN 55022, class B and
FCC, level B
u Low ripple and noise
u Short circuit and overload protection
u 3-year product warranty
Order Code
Output Power max.
Output 1
Output 2
Efficiency
TMLM 04103
4.0 Watt
3.3 VDC / 1200 mA
67 %
TMLM 04105
4.0 Watt
5.0 VDC / 800 mA
69 %
TMLM 04109
4.0 Watt
9.0 VDC / 444 mA
72 %
TMLM 04112
4.0 Watt
12 VDC / 333 mA
70 %
TMLM 04115
4.0 Watt
15 VDC / 267 mA
74 %
TMLM 04124
4.0 Watt
24 VDC / 167 mA
73 %
TMLM 04253
3.5 Watt
+5.0 VDC / 600 mA
+3.3 VDC / 150 mA
69 %
TMLM 04225
3.6 Watt
+12 VDC / 250 mA
+5.0 VDC / 120 mA
69 %
TMLM 05103
4.1 Watt
3.3 VDC / 1250 mA
68 %
TMLM 05105
5 Watt
5.0 VDC / 1000 mA
71 %
TMLM 05112
5 Watt
12 VDC / 420 mA
75 %
TMLM 05115
5 Watt
15 VDC / 333 mA
75 %
TMLM 05124
5.5 Watt
24 VDC / 230 mA
77 %
TMLM 10103
8.2 Watt
3.3 VDC / 2500 mA
74 %
TMLM 10105
10 Watt
5.0 VDC / 2000 mA
79 %
TMLM 10112
10 Watt
12 VDC / 833 mA
82 %
TMLM 10115
10 Watt
15 VDC / 667 mA
78 %
TMLM 10124
10 Watt
24 VDC / 417 mA
80 %
TMLM 20103
12 Watt
3.3 VDC / 3600 mA
74 %
TMLM 20105
18 Watt
5.0 VDC / 3600 mA
78 %
TMLM 20112
20 Watt
12 VDC / 1660 mA
82 %
TMLM 20115
20 Watt
15 VDC / 1330 mA
83 %
TMLM 20124
20 Watt
24 VDC / 833 mA
83 %
Models
UL 60950-1
Page 1 of 4


Similar Part No. - TMLM

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TMLM-04 TRACOPOWER-TMLM-04 Datasheet
264Kb / 3P
TML 100C Series, 85-100 Watt
Rev. March 21, 2023
TMLM-05 TRACOPOWER-TMLM-05 Datasheet
264Kb / 3P
TML 100C Series, 85-100 Watt
Rev. March 21, 2023
TMLM-10 TRACOPOWER-TMLM-10 Datasheet
264Kb / 3P
TML 100C Series, 85-100 Watt
Rev. March 21, 2023
TMLM-20 TRACOPOWER-TMLM-20 Datasheet
264Kb / 3P
TML 100C Series, 85-100 Watt
Rev. March 21, 2023
More results

Similar Description - TMLM

ManufacturerPart #DatasheetDescription
logo
Power-One
GY020SEI POWER-ONE-GY020SEI Datasheet
290Kb / 3P
IES SERIES 20 WATT
logo
List of Unclassifed Man...
UM1500 ETC1-UM1500 Datasheet
294Kb / 2P
UM1500 SERIES, 15 to 20 Watt DC-DC Converters
logo
RCD COMPONENTS INC.
LVF5X-R010-K RCD-LVF5X-R010-K Datasheet
35Kb / 1P
PRECISION 4-TERMINAL RESISTORS, 2- TO 20-WATT CERAMIC ENCASED
ULV5X-R010-KB RCD-ULV5X-R010-KB Datasheet
35Kb / 1P
ULTRA-LOW OHM, 2 WATT to 20 WATT
logo
SL Power Electronics
PW173KB SLPOWER-PW173KB Datasheet
185Kb / 3P
Universal 20 ??32 Watt Series
logo
PEAK electronics GmbH
P20VG-123R3E21LF PEAK-P20VG-123R3E21LF Datasheet
123Kb / 4P
20 Watt
logo
TRACO Electronic AG
TMP-TMPM TRACOPOWER-TMP-TMPM Datasheet
1Mb / 9P
TMP & TMPM Series, 4 to 60 Watt
Rev. March 21, 2023
TEN20WIN TRACOPOWER-TEN20WIN Datasheet
904Kb / 5P
TEN 20WIN Series, 20 Watt
Rev. November 30, 2022
TEQ20WIR TRACOPOWER-TEQ20WIR Datasheet
967Kb / 4P
TEQ 20WIR Series, 20 Watt
Rev. March 16, 2023
TFI20 TRACOPOWER-TFI20 Datasheet
336Kb / 4P
TFI 20 Series, 20 Watt
Rev. July 7, 2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com