Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPC Datasheet(PDF) 3 Page - TRACO Electronic AG

Part # TPC
Description  TPC Series, 30 to 120 Watt
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG

TPC Datasheet(HTML) 3 Page - TRACO Electronic AG

  TPC Datasheet HTML 1Page - TRACO Electronic AG TPC Datasheet HTML 2Page - TRACO Electronic AG TPC Datasheet HTML 3Page - TRACO Electronic AG TPC Datasheet HTML 4Page - TRACO Electronic AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
http://www.tracopower.com
Page 3 of 4
General Specifications
Safety standards
– CB test certificate
IEC 60950-1:2005 2nd Ed, Am 1:2009
IEC/EN 61010-1, IEC 61010-2-201
– SIQ type approved
EN 60950-1 :2006 + Am 1 :2010 +
Am 11 :2009 + Am 12:2011
IEC/EN 61010-1, IEC/EN 61010-2-201
– CSA certificate of compliance
UL 60950-1-2nd Ed
CSA 60950-1-07-2nd Ed
– UL certificate of compliance
UL 508, CSA C22.2 No.107.1-01
– SIQ type approved
EN 60204-1:2006 + A1:2009,
EN 61558-2-8:2010, EN 61558-2-16:2009,
EN 50178:1997
– Certification documents
www.tracopower.com/overview/tpc
Environmental compliance
– Reach declaration document
www.tracopower.com/info/reach-declaration.pdf
– RoHS
RoHS directive 2011/65/EU
EMC
– emissions
IEC 61000-6-3 (residential environment)
– immunity
IEC 61000-6-2 (industrial environment)
SEMI F47
Class of protection
class I (earth connection needed)
Case protection
IP 20 (IEC 60529)
Enclosure material
Makrolon 2405 (UL 94V-0 rated)
Mounting
DIN-rails as per EN 50022-35x15/7.5
(snap-on with self-locking spring)
wall mounting bracket optional (not included)
Industrial Power Supplies
TPC Series
30 to 120 Watt
All specifications valid at nominal input voltage, full load and +25°C after warm-up time unless otherwise stated.
TPC–REM240-24 Redundancy Module
These modules are external units for operation with two TPC power supplies with
output voltage of 24 VDC or 48 VDCand of same type and power. The modules
allow to connect two outputs of TPC power supplies together in order to achieve a
reliable DC supply. In normal operation the module achieves equal current share
for both power supplies connected. During the redundancy operation, if one of
the power supplies fails, the output power will be provided in full by the remain-
ing operating power supply. The redundancy of the DC system is monitored by a
DC-OK signal.
Order Code
Nominal Input
Voltage
Max Power
per Input
Output Voltage
adjustable
Output Current
max.
TPC–REM240–24
24 VDC
120 W
24 – 27 VDC
10 A
TPC–REM240–48
48 VDC
48 – 55 VDC
5 A
Specifications
Operating temperature
–25°C to +70°C max. (with derating)
Electromagnetic compatibility
in correspondence to connected units
(no internal switching device)
Dimensions
same as model TPC 055 (see page 4)
Connection
screw terminal block
Installation instructions
– installation document
www.tracopower.com/overview/tpc
Supporting documents: www.tracopower.com/overview/tpc



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com