Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPC Datasheet(PDF) 4 Page - TRACO Electronic AG

Part # TPC
Description  TPC Series, 30 to 120 Watt
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG

TPC Datasheet(HTML) 4 Page - TRACO Electronic AG

  TPC Datasheet HTML 1Page - TRACO Electronic AG TPC Datasheet HTML 2Page - TRACO Electronic AG TPC Datasheet HTML 3Page - TRACO Electronic AG TPC Datasheet HTML 4Page - TRACO Electronic AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Page 4 of 4
Specifications can be changed without notice! Make sure you are using the latest documentation, downloadable at www.tracopower.com
www.tracopower.com
Industrial Power Supplies
TPC Series
30 to 120 Watt
Rev. February 1, 2021
Case Dimensions
Dimensions in [mm], ( ) = Inch
Tolerances: ±0.5 mm (±0.02)
d
--
++ DC-OK
PE NL
DC-ON
V adj.
w
Model
Width (W)
Heigth
Depth d
Weight
TPC 030
26.5 (1.04)
90 (3.54)
96.5 (3.80)
160 g
TPC 055
45.0 (1.77)
90 (3.54)
96.5 (3.80)
260 g
TPC-REM 240-24 45.0 (1.77
90 (3.54)
96.5 (3.80)
160 g
TPC 080
63.0 (2.48)
90 (3.54)
96.5 (3.80)
360 g
TPC 120
72.0 (2.83)
90 (3.54)
110.0 (4.33)
440 g
Wall Mounting Bracket (accessories not included)
Order Code
For Models
Dimensions
TPC–WMK1
TPC 030-xx
26.0 x 35 x 7.5
TPC–WMK2
TPC 055-xx,
TPC-REM 240–24
42.7 x 35 x 7.5
TPC-WMK3
TPC 080-xx
60.7 x 35 x 7.5
TPC-WMK4
TPC 120-xx
69.7 x 35 x 7.5
Snap-on bracket for wall mounting (black plastic)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com