Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMLM-20105 Datasheet(PDF) 2 Page - TRACO Electronic AG

Part # TMLM-20105
Description  TMLM Series, 4 to 20 Watt
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG

TMLM-20105 Datasheet(HTML) 2 Page - TRACO Electronic AG

  TMLM-20105 Datasheet HTML 1Page - TRACO Electronic AG TMLM-20105 Datasheet HTML 2Page - TRACO Electronic AG TMLM-20105 Datasheet HTML 3Page - TRACO Electronic AG TMLM-20105 Datasheet HTML 4Page - TRACO Electronic AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
http://www.tracopower.com
AC/DC Power Modules
TMLM Series
4 to 20 Watt
Input Specifications
Input voltage
– Nominal
100 – 240 VAC
– Range
90 – 264 VAC (universal input)
– DC range
120 – 370 VDC
Input frequency
47 – 440 Hz
Input current at full load (115 VAC / 230 VAC)
TMLM 04 models:
110 mA / 70 mA typ.
TMLM 05 models:
110 mA / 70 mA typ.
TMLM 10 models:
220 mA / 150 mA typ.
TMLM 20 models:
385 mA / 250 mA typ.
Inrush current (<2 ms) (115 VAC / 230 VAC)
TMLM 04 models:
15 A max / 25 A max.
TMLM 05 & TMLM 10 models:
10 A max / 20 A max.
TMLM 20 models:
20 A max / 40 A max.
External input fuse required (recommended value)
3.15 A slow blow type
Output Specifications
Voltage set accuracy
±2 %
Regulation
– Input variation
0.3 % max. (0.5% max. for TMLM 20 models,
3.0 % max for output 2)
– Load variation
TMLM 04; 3.3 VDC models:
1.0 % max. (0–100% load)
TMLM 04 other models output 1:
0.5 % max. (0–100% load)
TMLM 04 output 2:
5.0 % max. (25–100% load)
TMLM 05 & TMLM 10 models:
0.5 % max. (5–100% load)
TMLM 20 models:
1.0 % max. (5–100% load)
Minimum load
0 % (25% for dual output models)
operation at 0-load condition will not
damage these power supplies, however, they
may not meet all listed specifications
Ripple and noise (20 MHz bandwidth)
TMLM 04; 3.3 VDC models:
<250 mV
TMLM 04; 5.0 VDC models:
<200 mV
TMLM 04; other models:
<100 mV
TMLM 05 & TMLM 10; 3.3 & 5.0 VDC models:
<130 mV
TMLM 05 & TMLM 10; 12 & 15 VDC models:
<210 mV
TMLM 05 & TMLM 10; 24 VDC models:
<280 mV
TMLM 20; 3.3 & 5.0 VDC models:
<200 mV
TMLM 20; 12 VDC model:
<240 mV
TMLM 20; 15 VDC model:
<300 mV
TMLM 20; 24 VDC model:
<480 mV
– Ripple & noise measured with:
0.1 uF & 47 uF parallel capacitor
Current limitation
120 – 180 %, hiccup technique
Short circuit protection
hiccup mode, indefinite (automatic recovery)
Overvoltage protection by Zener diode (main output only)
120 % of Vout typ.
Page 2 of 4
Max. capacitive load [µF]
Model series
Output:
TMLM 04
TMLM 05
TMLM 10
TMLM 20
Single output
models:
3.3 VDC
14‘000
13‘800
75‘000
4‘500
5.0 VDC
8‘000
6‘000
40‘000
3‘500
9.0 VDC
2‘400
-
-
-
12 VDC
1‘000
1‘400
8‘500
1‘800
15 VDC
700
1‘000
3‘500
1‘500
24 VDC
220
170
1‘200
1‘200
Dual output
models:
5.0 VDC / 3.3 VDC
5‘600 / 4‘700
-
-
-
12 VDC / 5.0 VDC
330 / 4‘700
-
-
-
All specifications valid at nominal input voltage, full load and +25°C after warm-up time unless otherwise stated.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com