Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMLM-20105 Datasheet(PDF) 3 Page - TRACO Electronic AG

Part # TMLM-20105
Description  TMLM Series, 4 to 20 Watt
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG

TMLM-20105 Datasheet(HTML) 3 Page - TRACO Electronic AG

  TMLM-20105 Datasheet HTML 1Page - TRACO Electronic AG TMLM-20105 Datasheet HTML 2Page - TRACO Electronic AG TMLM-20105 Datasheet HTML 3Page - TRACO Electronic AG TMLM-20105 Datasheet HTML 4Page - TRACO Electronic AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
http://www.tracopower.com
Page 3 of 4
All specifications valid at nominal input voltage, full load and +25°C after warm-up time unless otherwise stated.
General Specifications
Temperature ranges
– Operating
–25°C to +60°C
– Storage (non operating)
–40°C to +85°C
Derating
TMLM 20 models:
2.5 %/K above +40°C
other models:
3.75 %/K above +50°C
Temperature coefficient
0.02 %/K
Humidity (non condensing)
95 % rel max.
Switching frequency
132 ±8 kHz
Altitude during operation
TMLM 04 models:
3’000 m max.
TMLM 05 & TMLM 20 models:
2’000 m max.
Hold-up time (115 VAC / 230 VAC)
TMLM 20 models:
12 ms / 56 ms
other models:
15 ms min.
Isolation voltage (60 s)
– Input / Output
3‘000 VAC
Working voltage (rated)
TMLM 04 models:
308 VAC
TMLM 20 models:
266 VAC
Leakage current
TMLM 04 models:
0.25 mA max.
TMLM 05 models:
0.75 mA max.
TMLM 10 models:
0.25 mA max.
TMLM 20 models:
tba.
Reliability /calculated MTBF (MIL-HDBK-217F, at +25°C, ground benign)
>330’000 h
TMLM 20 models: >250’000 h
Electromagnetic compatibility (EMC), emissions
EN 55032, class B, FCC part 15, level B
Electromagnetic compatibility (EMC), immunity
EN 55024, EN 55035, EN 61000-6-2: 2005
Degree of protection
class II to IEC/EN 60536
Safety standards
UL 60950-1, IEC/EN 60950-1
TMLM 04 & TMLM 20 models
: UL 62368-1, IEC/EN 62368-1
TMLM 05 models:
EN 62368-1
Safety approvals
– CB test certificate IEC 62368-1
www.tracopower.com/overview/tmlm
Environment
– Vibration acc. IEC 60068-2-6;
3 axes, sine sweep, 10-55 Hz, 1g, 1oct/min.
– Shock acc. IEC 60068-2-27
20 G (3 directions each 3 times)
Environmental compliance
– Reach
www.tracopower.com/products/reach-declaration.pdf
– RoHS
RoHS directive 2011/65/EU
Casing material
Plastic resin with fiberglass (UL 94V-0 rated)
TMLM 04 Models:
1
2
3
4
7
6
5
27.0 (1.06)
21.0 (0.83)
3.0
(0.12)
17.1
(0.67)
4.0
(0.16)
primary
secondary
isolation
spacing
Bottom view
Pin-Out
Weight: 26 g (0.92 oz)
Pin diameter: 0.5 (0.02)
NTC = Not to connect
Keep pin 1 & 7 isolated from secondary circuit layout and pin 4
isolated from primary circuit layout.
Outline Dimensions
Pin
Single
Dual
1
NTC
NTC
2
+Vout
Vout 1
3
–Vout
Common
4
NTC
Vout 2
5
AC (L)
AC (L)
6
AC (N)
AC (N)
7
NTC
NTC
AC/DC Power Modules
TMLM Series
4 to 20 Watt



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com