Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RQL Datasheet(PDF) 1 Page - Raltron Electronics Corporation

Part # RQL
Description  Voltage Controlled Oscillator - VCO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALTRON [Raltron Electronics Corporation]
Direct Link  http://www.raltron.com
Logo RALTRON - Raltron Electronics Corporation

RQL Datasheet(HTML) 1 Page - Raltron Electronics Corporation

  RQL Datasheet HTML 1Page - Raltron Electronics Corporation RQL Datasheet HTML 2Page - Raltron Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Voltage Controlled Oscillator - VCO
RQL-Series
© Raltron Electronics Corp.
RQL-GeneralSpec-020501.doc
October 2004
10651 N.W. 19
th St. Miami, Fl. 33172 USA Tel +001 305-593-6033 Fax +001 305-594-3973 vco@raltron.com
www.raltron.com
Features
Applications
Frequency up to 3 GHz
Extreme small package 7.6mm SQ
Low Phase Noise
Telecommunication
Navigation
Instrumentation
Description
The RQL-type is specifically designed for applications that demand low phase noise and
minimal space consumption. Components are selected for high-Q and tight tolerances, 9
ground-pads ensure solid ground-connection.
Raltron’s RQL-series is developed and
manufactured in its ISO9000 certified facility in Miami.
RF-simulation (CAE), automated test-equipment (Agilent VCO/PLL-Analyzer) and statistical process control (SPC) are
integral part of R&D and manufacturing – which ensures minimal process variances and a high degree of repeatability.
Mechanical Specification
TOP
SIDE
BOTTOM
SOLDER PATTERN
Electrical Specification
PARAMETER
COMMENTS, EXAMPLES
SYMBOL
MIN
TYP
MAX
UNIT
Max Frequency
Currently available in RQR-package
fo
3000
MHz
Tuning Ratio
Ratio of upper-to-lower freq (2 = “Octave-VCO”)
f-up : f-low
1.1
1.5
-
Tuning Voltage
Battery operated 2V, Stationary: 5V or higher
Vt
0~2
0~5
0~25
V
Supply Voltage
Battery operated 3.3V to 5V, Stationary up to 12V
Vcc
3.3
5
12
V
Supply Current
Dependent on Frequency and Output Power
Icc
10
20
30
mA
Output Power
Output Power Tolerance is typ. ±3dB (min. ±1dB)
Pout
-3
+3
+10
dBm
Harmonic Suppression
Dependent on Tuning Range and Freq
a(2fo)
-20
dBc
Pushing
Dependent on Freq, Tuning R., typ 0.1%~0.5% fo
df/dVcc
1
MHz/V
Pulling
Dependent on Freq, Output Power and Circuit.
df/dZL
3
MHz


Similar Part No. - RQL

ManufacturerPart #DatasheetDescription
logo
Surge Components
RQL SURGE-RQL Datasheet
2Mb / 2P
rohs compliance
logo
List of Unclassifed Man...
RQL10 ETC-RQL10 Datasheet
619Kb / 2P
Ceramic Encased Wire Wound Resistors
logo
Renesas Technology Corp
RQL1001JLAQH RENESAS-RQL1001JLAQH Datasheet
274Kb / 9P
SiGe MMIC High Frequency Low Noise Amplifier
RQL1001JLAQH RENESAS-RQL1001JLAQH Datasheet
274Kb / 9P
SiGe MMIC High Frequency Low Noise Amplifier
RQL1001JLTL-E RENESAS-RQL1001JLTL-E Datasheet
274Kb / 9P
SiGe MMIC High Frequency Low Noise Amplifier
More results

Similar Description - RQL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CVCO55CW-0250-0450 ETC-CVCO55CW-0250-0450 Datasheet
176Kb / 2P
Voltage Controlled Oscillator-VCO
logo
CRYSTEK CORPORATION
CRBV33BE-1823-1903 CRYSTEKMICROWAVE-CRBV33BE-1823-1903 Datasheet
60Kb / 2P
VCO (voltage controlled oscillator).
CRBV33CL-0435-0470 CRYSTEKMICROWAVE-CRBV33CL-0435-0470 Datasheet
58Kb / 2P
VCO (voltage controlled oscillator).
CRBV55BE-1350-1400 CRYSTEKMICROWAVE-CRBV55BE-1350-1400 Datasheet
59Kb / 2P
VCO (voltage controlled oscillator).
CRBV55BE-1530-2900 CRYSTEKMICROWAVE-CRBV55BE-1530-2900 Datasheet
59Kb / 2P
VCO (voltage controlled oscillator).
CVCO55BH-5840-6040 CRYSTEKMICROWAVE-CVCO55BH-5840-6040 Datasheet
167Kb / 2P
Voltage Controlled Oscillator-VCO
CVCO55CC-2837-2967 CRYSTEKMICROWAVE-CVCO55CC-2837-2967 Datasheet
159Kb / 2P
Voltage Controlled Oscillator-VCO
CVCO55CC-3000-3000 CRYSTEKMICROWAVE-CVCO55CC-3000-3000 Datasheet
193Kb / 2P
Voltage Controlled Oscillator-VCO
CVCO55CC-3237-3385 CRYSTEKMICROWAVE-CVCO55CC-3237-3385 Datasheet
227Kb / 2P
Voltage Controlled Oscillator-VCO
CVCO33CC-4000-4000 CRYSTEKMICROWAVE-CVCO33CC-4000-4000 Datasheet
160Kb / 1P
Voltage Controlled Oscillator-VCO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com