Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RQL Datasheet(PDF) 2 Page - Raltron Electronics Corporation

Part # RQL
Description  Voltage Controlled Oscillator - VCO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALTRON [Raltron Electronics Corporation]
Direct Link  http://www.raltron.com
Logo RALTRON - Raltron Electronics Corporation

RQL Datasheet(HTML) 2 Page - Raltron Electronics Corporation

  RQL Datasheet HTML 1Page - Raltron Electronics Corporation RQL Datasheet HTML 2Page - Raltron Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Voltage Controlled Oscillator - VCO
RQL-Series
© Raltron Electronics Corp.
RQL-GeneralSpec-020501.doc
October 2004
10651 N.W. 19
th St. Miami, Fl. 33172 USA Tel +001 305-593-6033 Fax +001 305-594-3973 vco@raltron.com
www.raltron.com
General Specification
Phase Noise
1. Load Impedance is 50 Ohms.
2. Operating temperature range is typically –40°C…+85°C.
3. The package is non-hermetic. Substrate is glass-reinforced laminate, cover is
folded nickel-silver.
4. Bypass-capacitors (ceramic) from Vcc to Ground are recommended: 1nF||100pF.
5. Customized specifications may deviate from this General Specification.
6. Phase-noise performance depends on the individual specification. Phase Noise is
strongly dependent on (a) frequency (b) supply voltage and (c) tuning range.
7. The phase noise graph (to right) shows the characteristic of 3 typical RQL-VCOs.
All samples have 3dBm output power and ±1% tuning range. Variables are
frequency and supply voltage.
SSB Phase Noise (see Note 7)
-150
-140
-130
-120
-110
-100
-90
-80
-70
1
10
100
1,000
10,000
Freq. Offset [kHz]
750 MHz @ 2.7V
1000 MHz @ 5V
150MHz @ 5V



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com