Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD214A-R1600 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # CD214A-R1600
Description  CD214A-R150~R11600 Glass Passivated Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD214A-R1600 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  CD214A-R1600 Datasheet HTML 1Page - Bourns Electronic Solutions CD214A-R1600 Datasheet HTML 2Page - Bourns Electronic Solutions CD214A-R1600 Datasheet HTML 3Page - Bourns Electronic Solutions CD214A-R1600 Datasheet HTML 4Page - Bourns Electronic Solutions CD214A-R1600 Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
CD214A-R150~R11600 Glass Passivated Rectifiers
Features
■
Lead free as standard
■
RoHS compliant*
■
Glass passivated chip
■
Low reverse leakage current
■
Low forward voltage drop
■
High current capability
General Information
Electrical Characteristics (@ TA = 25 °C Unless Otherwise Noted)
Thermal Characteristics (@ TA = 25 °C Unless Otherwise Noted)
Notes:
1 See Forward Derating Curve.
2 Measured @ 1.0 MHz and applied reverse voltage of 4.0 VDC.
3 Thermal resistance from junction to ambient and from junction to lead P.C.B. mounted on 0.2 ˝ x 0.2 ˝ (5.0 mm x 5.0 mm) copper pad areas.
The markets of portable communications, computing and video equipment are challenging the semiconductor industry to develop
increasingly smaller electronic components. Bourns offers Glass Passivated Rectifiers for rectification applications, in compact chip
DO-214AC (SMA) size format, which offer PCB real estate savings and are considerably smaller than most competitive parts. The Glass
Passivated Rectifier Diodes offer a forward current of 1 A with a choice of repetitive peak reverse voltage of 50 V up to 1600 V.
Bourns® Chip Diodes conform to JEDEC standards, are easy to handle on standard pick and place equipment and their flat configuration
minimizes roll away.
Parameter
Symbol
CD214A-R150~R11600
Unit
Operating Temperature Range
TJ
-65 to +175
°C
Storage Temperature Range
TSTG
-65 to +175
°C
Parameter
Symbol
CD214A-
Unit
R150
R1100
R1200
R1400
R1600
Maximum Repetitive
Peak Reverse Voltage
VRRM
50
100
200
400
600
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
V
Maximum DC
Blocking Voltage
VDC
50
100
200
400
600
V
Max. Average Forward
Rectified Current1
I(AV)
1.0
A
DC Reverse Current @
Rated DC Blocking Voltage
(@TJ = 25 °C)
IR
5.0
µA
DC Reverse Current @
Rated DC Blocking Voltage
(@TJ = 125 °C)
IR
30
µA
DC Reverse Current @
Rated DC Blocking Voltage
(@TJ = 150 °C)
IR
50
µA
Typical Junction Capacitance2
CJ
12
pF
Maximum Instantaneous
Forward Voltage @ 1 A
VF
1.0
V
Typical Thermal Resistance3
RθJA
RθJL
75
27
°C/W
°C/W
Peak forward surge current
8.3 ms single half sine-wave
superimposed on rated load
(JEDEC Method)
IFSM
30
A


Similar Part No. - CD214A-R1600

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CD214A-R12000R BOURNS-CD214A-R12000R Datasheet
182Kb / 5P
CD214A-R12000R Rectifier Chip Diode
REV. 03/20
More results

Similar Description - CD214A-R1600

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
1N5400G CTC-1N5400G Datasheet
184Kb / 2P
GLASS PASSIVATED RECTIFIERS
logo
Taiwan Semiconductor Co...
1N4001G TSC-1N4001G_14 Datasheet
198Kb / 4P
Glass Passivated Rectifiers
1N4001SG TSC-1N4001SG_14 Datasheet
181Kb / 4P
Glass Passivated Rectifiers
logo
HY ELECTRONIC CORP.
RL251G HY-RL251G_18 Datasheet
184Kb / 3P
Glass Passivated Rectifiers
RL201G HY-RL201G_18 Datasheet
177Kb / 3P
Glass Passivated Rectifiers
logo
DACO SEMICONDUCTOR CO.,...
EM512G DACO-EM512G Datasheet
695Kb / 2P
GLASS PASSIVATED RECTIFIERS
GR301G DACO-GR301G Datasheet
853Kb / 2P
GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
6A05GS HY-6A05GS Datasheet
758Kb / 3P
Glass Passivated Rectifiers
15AAG HY-15AAG Datasheet
760Kb / 3P
Glass Passivated Rectifiers
1A1G HY-1A1G_V01 Datasheet
775Kb / 3P
Glass Passivated Rectifiers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com