Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD214A-R1600 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # CD214A-R1600
Description  CD214A-R150~R11600 Glass Passivated Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD214A-R1600 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  CD214A-R1600 Datasheet HTML 1Page - Bourns Electronic Solutions CD214A-R1600 Datasheet HTML 2Page - Bourns Electronic Solutions CD214A-R1600 Datasheet HTML 3Page - Bourns Electronic Solutions CD214A-R1600 Datasheet HTML 4Page - Bourns Electronic Solutions CD214A-R1600 Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
CD214A-R150~R11600 Glass Passivated Rectifiers
Electrical Characteristics (@ TA = 25 °C Unless Otherwise Noted)
Parameter
Symbol
CD214A-
Unit
R1800
R11000
R11100
R11200
R11600
Maximum Repetitive
Peak Reverse Voltage
VRRM
800
1000
1100
1200
1600
V
Maximum RMS Voltage
VRMS
560
700
770
840
1120
V
Maximum DC
Blocking Voltage
VDC
800
1000
1100
1200
1600
V
Max. Average Forward
Rectified Current1
I(AV)
1.0
A
DC Reverse Current @
Rated DC Blocking Voltage
(@TJ = 25 °C)
IR
5.0
µA
DC Reverse Current @
Rated DC Blocking Voltage
(@TJ = 125 °C)
IR
30
50
µA
Typical Junction Capacitance2
CJ
12
pF
Maximum Instantaneous
Forward Voltage @ 1 A
VF
1.0
1.25
V
Typical Thermal Resistance3
RθJA
RθJL
75
27
°C/W
°C/W
Peak forward surge current
8.3 ms single half sine-wave
superimposed on rated load
(JEDEC Method)
IFSM
30
25
A
Thermal Characteristics (@ TA = 25 °C Unless Otherwise Noted)
Notes:
1 See Forward Derating Curve.
2 Measured @ 1.0 MHz and applied reverse voltage of 4.0 VDC.
3 Thermal resistance from junction to ambient and from junction to lead P.C.B. mounted on 0.2 ˝ x 0.2 ˝ (5.0 mm x 5.0 mm) copper pad areas.
Parameter
Symbol
CD214A-R150~R11600
Unit
Operating Temperature Range
TJ
-65 to +175
°C
Storage Temperature Range
TSTG
-65 to +175
°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com