Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280CVRFX Datasheet(PDF) 60 Page - NXP Semiconductors

Part # MPC8280CVRFX
Description  PowerQUICC II Family Hardware Specifications
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8280CVRFX Datasheet(HTML) 60 Page - NXP Semiconductors

Back Button MPC8280CVRFX Datasheet HTML 56Page - NXP Semiconductors MPC8280CVRFX Datasheet HTML 57Page - NXP Semiconductors MPC8280CVRFX Datasheet HTML 58Page - NXP Semiconductors MPC8280CVRFX Datasheet HTML 59Page - NXP Semiconductors MPC8280CVRFX Datasheet HTML 60Page - NXP Semiconductors MPC8280CVRFX Datasheet HTML 61Page - NXP Semiconductors MPC8280CVRFX Datasheet HTML 62Page - NXP Semiconductors MPC8280CVRFX Datasheet HTML 63Page - NXP Semiconductors MPC8280CVRFX Datasheet HTML 64Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 83 page
background image
MPC8280 PowerQUICC II Family Hardware Specifications, Rev. 2
60
Freescale Semiconductor
Pinout
This table describes symbols used in Table 23.
8.2
VR and ZQ Packages—MPC8275 and MPC8270
The following figures and table represent the alternate 516 PBGA package. For information on the
standard package for the MPC8280 and the MPC8270, see Section 8.1, “ZU and VV
Packages—MPC8280 and MPC8270.
Core power
U28, U29, K28, K29, A9, A19, B19,
M1, M2, Y1, Y2, AC1, AC2, AH19,
AJ19, AH10, AJ10, AJ5
Ground
AA5, AB16, AB27, AF21, AF14, AF8,
AE7, AF11, AE17, AE23, AC26,
AB25, Y26, V25, T26, R25, P26,
M25, K27, H25, G26, D7, D10, D14,
D16, D20, D23, C9, E11, E13, E15,
E19, E22, B3, G5, H4, K5, M3, P5,
T4, Y5, AA2, AC3
1 Should be tied to VDDH via a 2K Ω external pull-up resistor.
2 The default configuration of the CPM pins (PA[0–31], PB[4–31], PC[0–31], PD[4–31]) is input. To prevent excessive DC current,
it is recommended to either pull unused pins to GND or VDDH, or to configure them as outputs.
3 Must be pulled down or left floating.
4 If PCI is not desired, must be pulled up or left floating.
5 Sphere is not connected to die.
6 GNDSYN (AB1): This pin exists as a separate ground signal in MPC826x(A) devices; it does not exist as a separate ground
signal on the SoC. New designs must connect AB1 to GND and follow the suggestions in Section 4.6, “Layout Practices.” Old
designs in which the MPC8280 is used as a drop-in replacement can leave the pin connected to GND with the noise filtering
capacitors.
7 XFC (AB2) pin: This pin is used in MPC826x(A) devices; it is not used in MPC8280 because there is no need for external
capacitor to operate the PLL. New designs should connect AB2 (XFC) pin to GND. Old designs in which the SoC is used as a
drop-in replacement can leave the pin connected to the current capacitor.
Table 24. Symbol Legend
Symbol
Meaning
OVERBAR
Signals with overbars, such as TA, are active low.
UTM
Indicates that a signal is part of the UTOPIA master interface.
UTS
Indicates that a signal is part of the UTOPIA slave interface.
UT8
Indicates that a signal is part of the 8-bit UTOPIA interface.
UT16
Indicates that a signal is part of the 16-bit UTOPIA interface.
MII
Indicates that a signal is part of the media independent interface.
RMII
Indicates that a signal is part of the reduced media independent interface.
Table 23. MPC8280 and MPC8270 (ZU and VV Packages) Pinout List (continued)
Pin Name
Ball
MPC8280/MPC8270
MPC8280 only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com