Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280CVRFX Datasheet(PDF) 74 Page - NXP Semiconductors

Part # MPC8280CVRFX
Description  PowerQUICC II Family Hardware Specifications
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8280CVRFX Datasheet(HTML) 74 Page - NXP Semiconductors

Back Button MPC8280CVRFX Datasheet HTML 70Page - NXP Semiconductors MPC8280CVRFX Datasheet HTML 71Page - NXP Semiconductors MPC8280CVRFX Datasheet HTML 72Page - NXP Semiconductors MPC8280CVRFX Datasheet HTML 73Page - NXP Semiconductors MPC8280CVRFX Datasheet HTML 74Page - NXP Semiconductors MPC8280CVRFX Datasheet HTML 75Page - NXP Semiconductors MPC8280CVRFX Datasheet HTML 76Page - NXP Semiconductors MPC8280CVRFX Datasheet HTML 77Page - NXP Semiconductors MPC8280CVRFX Datasheet HTML 78Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 83 page
background image
MPC8280 PowerQUICC II Family Hardware Specifications, Rev. 2
74
Freescale Semiconductor
Pinout
PD27/TXD2
FCC1_UT16_RXD7
H222
PD28/RXD2
FCC1_UT16_TXD7
B222
PD29/RTS1/TENA1
FCC1_UTM_RXADDR3/
FCC1_UTS_RXADDR3/
FCC1_UTM_RXCLAV2/
FCC2_UTM_RXADDR4/
FCC2_UTS_RXADDR1
D222
PD30/TXD1
FCC2_UTM_TXENB/
FCC2_UTS_TXENB
C212
PD31/RXD1
E192
VCCSYN
D19
VCCSYN1
K6
CLKIN2
K21
SPARE43
C14
PCI_MODE4
AD24
SPARE63
B15
No connect5
E17, C23
I/O power
E6, F6, H6, L5, L6, P6, T6, U6, V5,
Y5, AA6, AA8, AA10, AA11, AA14,
AA16, AA17, AB19, AB20, W21,
U21, T21, P21, N21, M22, J22, H21,
F21, F19, F17, E16, F14, E13, E12,
F10, E10, E9
Core Power
L3, V4, W3, AC11, AD11, AB15,
U25, T24, J24, H25, F23, B19, D17,
C17, D10, C10
Ground
B186, A187, A2, B1, B2, A5, C5,
C18, D4, D6, G2, L4, P1, R1, R4,
AC4, AE7, AC23, Y25, N24, J23,
A23, D23, D20, E18, A13, A16, K10,
K11, K12, K13, K14, K15, K16, K17,
L10, L11, L12, L13, L14, L15, L16,
L17, M10, M11, M12, M13, M14,
M15, M16, M17, N10, N11, N12,
N13, N14, N15, N16, N17, P10, P11,
P12, P13, P14, P15, P16, P17, R10,
R11,R12, R13, R14, R15, R16, R17,
T10, T11, T12, T13, T14, T15, T16,
T17, U10, U11, U12, U13, U14, U15,
U16, U17
1 Should be tied to VDDH via a 2K Ω external pull-up resistor.
2 The default configuration of the CPM pins (PA[0–31], PB[4–31], PC[0–31], PD[4–31]) is input. To prevent excessive DC
current, it is recommended to either pull unused pins to GND or VDDH, or to configure them as outputs.
Table 25. MPC8275 and MPC8270 (VR and ZQ Packages) Pinout List (continued)
Pin Name
Ball
MPC8275/MPC8270
MPC8275 only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com