Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD1408-R1600 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # CD1408-R1600
Description  CD1408-R1200~R11000 - Surface Mount Rectifier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD1408-R1600 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  CD1408-R1600 Datasheet HTML 1Page - Bourns Electronic Solutions CD1408-R1600 Datasheet HTML 2Page - Bourns Electronic Solutions CD1408-R1600 Datasheet HTML 3Page - Bourns Electronic Solutions CD1408-R1600 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CD1408-R1200~R11000 – Surface Mount Rectifier Diode
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Features
■
Lead free device (RoHS compliant*)
■
Low profile
■
Low power loss, high efficiency
■
UL 94V-0 classification
Applications
■
High frequency switching power supplies
■
Inverters
■
Free wheeling
■
Polarity protection
General Information
The markets of portable communications, computing and video equipment are
challenging the semiconductor industry to develop increasingly smaller electronic
components. Bourns offers Rectifier Diodes for rectification applications, in compact
chip package 1408 size format (compatible with SOD87, SOD123 formats), which
offers PCB real estate savings and are considerably smaller than most competitive
parts. The Glass Passivated Rectifier Diodes offer a forward current of 1 A with a
choice of repetitive peak reverse voltage of 200 V up to 1000 V.
Bourns® Chip Diodes conform to JEDEC standards, are easy to handle on standard
pick and place equipment and their flat configuration minimizes roll away.
Tin Plated
Connectors
FRP Substrate
and Epoxy
Underfill
Electrical Characteristics (@ TA = 25 °C Unless Otherwise Noted)
Thermal Characteristics (@ TA = 25 °C Unless Otherwise Noted)
Parameter
Symbol
CD1408-
Unit
R1200
R1400
R1600
R1800
R11000
Maximum Repetitive Peak Reverse Voltage
VRRM
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
200
400
600
800
1000
V
Max. Average Forward Rectified Current1
I(AV)
1.0
A
DC Reverse Current @ Rated DC Blocking Voltage
(@Ta = 25 °C)
IR
1.0
µA
DC Reverse Current @ Rated DC Blocking Voltage
(@Ta = 125 °C)
IR
30.0
µA
DC Reverse Current @ Rated DC Blocking Voltage
(@Ta = 150 °C)
IR
50.0
µA
Typical Junction Capacitance2
CJ
12
pF
Instantaneous Forward Voltage @ IF = 1 A
VF
1.0
V
Maximum Reverse Recovery Time3
Trr
3000
ns
Peak forward surge current 8.3 ms single half
sine-wave superimposed on rated load
(JEDEC Method)
IFSM
30.0
A
Notes:
1 See Forward Derating Curve.
2 Measured @ 1.0 MHz and applied reverse voltage of 4.0 VDC.
3 Reverse recovery test condition: IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A
Parameter
Symbol
CD1408-R1200~R11000
Unit
Operating Temperature Range
TJ
-65 to +175
°C
Storage Temperature Range
TSTG
-65 to +175
°C


Similar Part No. - CD1408-R1600

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CD1408-F11000 BOURNS-CD1408-F11000 Datasheet
516Kb / 4P
Surface Mount Rectifier Diode
CD1408-F1200 BOURNS-CD1408-F1200 Datasheet
516Kb / 4P
Surface Mount Rectifier Diode
CD1408-F1400 BOURNS-CD1408-F1400 Datasheet
516Kb / 4P
Surface Mount Rectifier Diode
CD1408-F1600 BOURNS-CD1408-F1600 Datasheet
516Kb / 4P
Surface Mount Rectifier Diode
CD1408-FF1 BOURNS-CD1408-FF1 Datasheet
182Kb / 5P
CD1408-FF1200~FF11500 – Surface Mount Rectifier Diode
REV. 08/19
More results

Similar Description - CD1408-R1600

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CD1408-FU1400 BOURNS-CD1408-FU1400 Datasheet
520Kb / 4P
Surface Mount Rectifier Diode
logo
Diotec Semiconductor
SK3150 DIOTEC-SK3150 Datasheet
102Kb / 2P
Surface Mount Schottky Rectifier Diode
SK3150 DIOTEC-SK3150_13 Datasheet
102Kb / 2P
Surface Mount Schottky Rectifier Diode
logo
Bourns Electronic Solut...
CD1408-F1200 BOURNS-CD1408-F1200 Datasheet
516Kb / 4P
Surface Mount Rectifier Diode
CD1408-FF1200 BOURNS-CD1408-FF1200 Datasheet
494Kb / 4P
Surface Mount Rectifier Diode
CD-MBL2XXS BOURNS-CD-MBL2XXS Datasheet
282Kb / 4P
Surface Mount Bridge Rectifier Diode
CD-MBL1XXS BOURNS-CD-MBL1XXS Datasheet
281Kb / 4P
Surface Mount Bridge Rectifier Diode
CDTO269-BR1XL BOURNS-CDTO269-BR1XL Datasheet
407Kb / 4P
Surface Mount Bridge Rectifier Diode
CD-MBL1XXSL BOURNS-CD-MBL1XXSL Datasheet
313Kb / 4P
Surface Mount Bridge Rectifier Diode
CD1408-FF1 BOURNS-CD1408-FF1 Datasheet
182Kb / 5P
CD1408-FF1200~FF11500 – Surface Mount Rectifier Diode
REV. 08/19
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com