Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NP2 Datasheet(PDF) 1 Page - DB Lectro Inc

Part # NP2
Description  TO220 35W HIGH POWER RESISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

NP2 Datasheet(HTML) 1 Page - DB Lectro Inc

  NP2 Datasheet HTML 1Page - DB Lectro Inc NP2 Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
POWER SOLUTION -
DBL
TO220 35W HIGH POWER RESISTORS
RNP20S
Dimensional Specifications (mm)
Type
A
B
C
D
E
F
G
H
J
K
L
M
N
000
10.6
15.0
4.5
1.5
2.7
5.08
0.75
0.5
1.5
19.0
2.7
3.6
15.0
010
10.6
15.0
4.5
1.5
2.7
5.08
0.75
0.5
1.5
14.0
2.7
3.6
2.0
Ordering Information
Designation
Type
TC
Resistance
Tolerance
Lead forming
RNP20SC221F000
RNP20S
C(50ppm)
220ohm
F(1%)
000 (through-hole)
RNP20SC101F010
RNP20S
C(50ppm)
100ohm
F(1%)
010 (smd)
RNP20SAR1J000
RNP20S
A(100ppm)
0.1ohm
J(5%)
000 (through-hole)
RNP20SC500F000
RNP20S
C(50ppm)
50ohm
F(1%)
010 (smd)
Note: (1) When ordering, additional ohmic resistance notation recommended.
Features and Applications
35W high power resistors in TO220 style molded package for through-hole (30W) and surface mount
(30W).
Non-inductive design suits high frequency applications and high-speed pulse circuits.
Low, 3.3 C/W heat resistance from resistor hot spot to flange presented by thin film metallization
technology.
Wide, 100 m Ohm to 220 Ohm resistance range, non-inductive impedance characteristic and heat
venting through insulated metal tab aids circuit designers.
Small size and thin profile suits high-density compact installations.
Complete thermal conduction, heat dissipation design and vibration durable design to be available.
Application in SW PS, power unit of machines, motor control, drive circuits, automobiles,
measurements, and industrial computers.
Type 000
A
C
dia. M
D
B
L
K
J
E
G
H
N
F
RNP20S
100
CF 3Y
Type 010
A
C
dia. M
D
B
L
K
J
G
H
N
F
E
RNP20S
100
CF 3Y
Lead Free
DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714 www.dblectro.com


Similar Part No. - NP2

ManufacturerPart #DatasheetDescription
logo
3M Electronics
NP2 3M-NP2 Datasheet
15Kb / 2P
Packing List Envelopes
in
logo
Renesas Technology Corp
NP20N10YDF RENESAS-NP20N10YDF Datasheet
5Mb / 6P
Product Scout Automotive
NP20N10YDF-E1-AY*1 RENESAS-NP20N10YDF-E1-AY*1 Datasheet
125Kb / 8P
MOS FIELD EFFECT TRANSISTOR
NP20N10YDF-E2-AY*1 RENESAS-NP20N10YDF-E2-AY*1 Datasheet
125Kb / 8P
MOS FIELD EFFECT TRANSISTOR
NP20N10YDF RENESAS-NP20N10YDF_15 Datasheet
125Kb / 8P
MOS FIELD EFFECT TRANSISTOR
More results

Similar Description - NP2

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N3583 MOSPEC-2N3583 Datasheet
217Kb / 4P
POWER TRANSISTORS(35W)
logo
Sanyo Semicon Device
STK401-060 SANYO-STK401-060 Datasheet
1Mb / 8P
AF Power Amplifier (Split Power Supply) (35W 35W min, THD = 0.4%)
logo
List of Unclassifed Man...
STK4863 ETC-STK4863 Datasheet
125Kb / 2P
2CHANNEL 35W POWER AMPLIFIER
logo
DB Lectro Inc
RNP-10 DBLECTRO-RNP-10 Datasheet
271Kb / 2P
TO220 20W HIGH POWER RESISTORS
RNP50U DBLECTRO-RNP50U Datasheet
209Kb / 2P
50W TO220 HIGH POWER RESISTORS
logo
Bi technologies
MHP35 BITECH-MHP35 Datasheet
845Kb / 2P
35W TO-220 HIGH POWER RESISTORS
logo
List of Unclassifed Man...
MHP50102F ETC2-MHP50102F Datasheet
447Kb / 3P
50W TO220 High Power Resistors
MHP201R0F ETC2-MHP201R0F Datasheet
665Kb / 3P
20W TO220 High Power Resistors
TNP20E ETC-TNP20E Datasheet
1Mb / 2P
35W High Power thin film Resistros
logo
Texas Instruments
PT3400 TI1-PT3400_14 Datasheet
330Kb / 15P
35W Output Power
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com