Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFS2400-2U2P Datasheet(PDF) 1 Page - Artesyn Technologies

Part # AFS2400-2U2P
Description  Rack Mountable Power Shelves
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

AFS2400-2U2P Datasheet(HTML) 1 Page - Artesyn Technologies

  AFS2400-2U2P Datasheet HTML 1Page - Artesyn Technologies AFS2400-2U2P Datasheet HTML 2Page - Artesyn Technologies AFS2400-2U2P Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
POWER SHELF
MAIN OUTPUT
N+1 REDUNDANT
HEIGHT
AFE1200 POWER
SIGNAL
POWER
POWER
SUPPLIES
INTERFACE
AFS2400-2U2P
2400W
1200W
2U (3.5 inch)
2
Parallel via 25 pin D
type connector
AFS4800-4U4P
4800W
3600W
4U (7.0 inch)
4
Parallel via 37 pin D
type connector
AFS2400 and AFS4800
Rack Mountable Power Shelves
[ 2 YEAR WARRANTY ]
• Front-end shelves for AFE1200 series power supplies
• Distributed power architecture
• UL and TUV approval
• Hot-swap power system
• N+1 redundancy
The AFS2400 and AFS4800 power shelves are designed to house Artesyn standard
AFE1200 series front-end power supplies. The shelves mount into standard 19 inch
racks. The power shelves accept full range (85 to 264VAC) AC power and deliver a
regulated DC bus voltage generated from the AFE1200 power supplies. The power
shelf provides input filtering and protection, and individual 20 Amp circuit breakers for
each AFE1200 power supply are provided on the front end of the shelf. An output bus
bar on the rear of the unit is provided for distribution of the main output to system
payload. Control, diagnostic and protection signals and the auxiliary output from
AFE1200 power supplies are routed through the power shelf to a parallel interface
connector on the rear of the unit. Clearance is provided on the rear of the unit to
maintain adequate airflow and cooling of the AFE1200 power supplies mounted within
the shelf.
PAGE 1
Nominal Input Voltage
Line Current (Typical)
85VAC
17.5A rms
120VAC
12.1A rms
220VAC
6.5A rms
240VAC
6.0A rms
AC Input Line Cord Current
(for each AFE1200 module within power shelf)
AFE1200 Output Configurations with AFS Power Shelves
AFS Power Shelf Characteristics
POWER MODULE
POWER SHELF
AFE1200-96S48NA
AFE1200-96S24NA
AFS2400-2U2P
48V @ 50A
24V @ 100A
12V @ 2A
AFS4800-4U4P
48V @ 100A
24V @ 200A
12V @ 4A


Similar Part No. - AFS2400-2U2P

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AFS2442.0S4 ABRACON-AFS2442.0S4 Datasheet
427Kb / 4P
SMD 2442MHz SAW FILTER
06.28.07
More results

Similar Description - AFS2400-2U2P

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
AFS4000 ARTESYN-AFS4000 Datasheet
287Kb / 3P
Rack Mountable Power Shelves
logo
Kendall Howard
1922-3-100-03 KENDALLHOWARD-1922-3-100-03 Datasheet
58Kb / 1P
3U RACK MOUNTABLE DRAWER
1922-3-100-04 KENDALLHOWARD-1922-3-100-04 Datasheet
59Kb / 1P
4U RACK MOUNTABLE DRAWER
LDRS1U12 KENDALLHOWARD-LDRS1U12 Datasheet
224Kb / 2P
LIGHT DUTY RACK SHELVES
LDRS1U12V KENDALLHOWARD-LDRS1U12V Datasheet
224Kb / 2P
LIGHT DUTY RACK SHELVES
LDRS1U6 KENDALLHOWARD-LDRS1U6 Datasheet
156Kb / 2P
LIGHT DUTY RACK SHELVES
LDRS1U6V KENDALLHOWARD-LDRS1U6V Datasheet
156Kb / 2P
LIGHT DUTY RACK SHELVES
LDRS2U12V KENDALLHOWARD-LDRS2U12V Datasheet
271Kb / 2P
LIGHT DUTY RACK SHELVES
LDRS2U16 KENDALLHOWARD-LDRS2U16 Datasheet
271Kb / 2P
LIGHT DUTY RACK SHELVES
LDRS2U16V KENDALLHOWARD-LDRS2U16V Datasheet
271Kb / 2P
LIGHT DUTY RACK SHELVES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com