Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFS2400-2U2P Datasheet(PDF) 3 Page - Artesyn Technologies

Part # AFS2400-2U2P
Description  Rack Mountable Power Shelves
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

AFS2400-2U2P Datasheet(HTML) 3 Page - Artesyn Technologies

  AFS2400-2U2P Datasheet HTML 1Page - Artesyn Technologies AFS2400-2U2P Datasheet HTML 2Page - Artesyn Technologies AFS2400-2U2P Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PAGE 3
Mechanical Notes for AFS4800-4U4P Interface Drawing
1
All dimensions in inches (mm).
AFS2400 and AFS4800 Rack-mountable
power shelves for AFE1200 series modules
AFS2400/4800 Power Shelves
Data Sheet © Artesyn Technologies® 2001
The information and specifications contained in this data sheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising
from printing errors or inaccuracies. Specifications are subject to change without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein.
A
A
ALLOW 6.0" MIN CLEARANCE
BOTH FRONT AND BACK
FOR ADEQUATE COOLING
AC SECTION
BREAKERS/LINE FILTERS
AFE1200 Series
HOT PLUGGABLE
POWER SUPPLIES
POWER SYSTEM
CONTROL MODULE
MODULE SIGNAL/CONTROL
INTERFACE
BATTERY MANAGEMENT
INTERFACE
CUSTOMER MAIN POSITIVE
OUTPUT POWER BUS ACCESS
2 PLACES (10-32 STUDS)
CUSTOMER MAIN POSITIVE
OUTPUT POWER BUS ACCESS
(10-32 STUDS)
CHASSIS GND
CUSTOMER @$) VAC INPUTS
HUBBELL H320BL
MATE - HUBBELL M320C
VIEW A-A
REAR VIEW
6.97 5.25
17.97
1.62 MAX
.012
14.50
17.32
18.44
18.98
0.09
1.75
1.75
1.75
0.27



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com