Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QFN Datasheet(PDF) 1 Page - STATS ChipPAC, Ltd.

Part # QFN
Description  Quad Flat No-Lead Package
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STATSCHIP [STATS ChipPAC, Ltd.]
Direct Link  http://www.statschippac.com
Logo STATSCHIP - STATS ChipPAC, Ltd.

QFN Datasheet(HTML) 1 Page - STATS ChipPAC, Ltd.

  QFN Datasheet HTML 1Page - STATS ChipPAC, Ltd. QFN Datasheet HTML 2Page - STATS ChipPAC, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.statschippac.com
FEATURES
• Body sizes: 2 x 2 to 12 x 12mm
• Lead pitch: 0.40, 0.50, 0.65 and 0.80mm
• Custom lead/pitch configurations available
• Package profile heights: 0.45, 0.50, 0.75, 0.85 and
0.90mm
• Option for non-exposed die pad
• Green materials set
• Option for PbSn, 100% matte Sn or PPF
• Small chip scale design offers 50% reduction in board
space (16L TSSOP vs. 16L QFN)
• 33% weight reduction (in 16L TSSOP vs. 16L QFN)
• Excellent thermal & electrical performance
• Full in-house package and leadframe design capability
• Full in-house assembly and test capability
• Full in-house electrical, thermal and mechanical
simulation and measurement capability
• Wide range of open tool leadframe and die pad sizes
available
• JEDEC standard compliant (XQFN, UQFN, WQFN, VQFN)
• Punch or Saw singulated formats
• Body sizes from 2 x 2mm to 12 x 12mm
• Pin counts from 4L to 156L
• Square or rectangular body sizes
• Leads on four sides of the body (QFN)
• Leads on two opposing sides of the
body (DFN)
• Dual row lead design options
• Thin package thickness options
DESCRIPTION
STATS ChipPAC’s Quad Flat No-Lead (QFN) and Dual Flat
No-Lead (DFN) package offering includes the QFNs (saw
singulated), QFNp (punch singulated), XQFN, UQFN, WQFN,
and QFN-dr. These are leadframe based, plastic encapsulated,
chip scale packages in single mold cavity format (punch
singulated) or molded array format (saw singulated).
An exposed die pad coupled with extremely low RLC
provides excellent electrical and thermal performance
enhancements which are ideal for high frequency and high
power applications, and are especially suited for wireless
and handheld portable applications such as cell phones.
QFN-dr with staggered dual row leads offers higher I/O
counts. STATS ChipPAC’s QFN packages are currently
available in various body sizes and thicknesses, offered in
standard and green/lead-free bill of materials and can be
processed by conventional SMT equipment, benefiting
surface mount operations downstream.
APPLICATIONS
•RF
• Power management
• Discretes
• Analog/Linear
• Logic
• Applications requiring enhanced electrical and thermal
performance and reduced package size, thickness and
weight
QFN
Quad Flat No-Lead Package


Similar Part No. - QFN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
QFN VISHAY-QFN Datasheet
77Kb / 3P
NiCr Thin Film, Top-Contact Resistor
05-Apr-13
logo
Amkor Technology
QFN AMKOR-QFN Datasheet
754Kb / 3P
Saw MLF PEL (Plated End Lead) Package
QFN AMKOR-QFN Datasheet
411Kb / 2P
Silver Wirebonding
02/22
logo
Torex Semiconductor
QFN-0601 TOREX-QFN-0601 Datasheet
210Kb / 3P
Packaging Information / Reference Pattern Layout Dimensions
logo
KEC(Korea Electronics)
QFN-16 KEC-QFN-16 Datasheet
17Kb / 1P
PACKAGE DIMENSION
2005. 10. 1
More results

Similar Description - QFN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TQFP48 STMICROELECTRONICS-TQFP48 Datasheet
99Kb / 5P
48-LEAD THIN QUAD FLAT
Apr-2004
TQFP64 STMICROELECTRONICS-TQFP64 Datasheet
128Kb / 5P
64-LEAD THIN QUAD FLAT PACKAGE
Feb-2003
logo
NXP Semiconductors
SOT389-1 PHILIPS-SOT389-1 Datasheet
14Kb / 1P
Plastic Low Profile Quad flat Package
2002 Jun 07
logo
Amkor Technology
CQFP AMKOR-CQFP Datasheet
332Kb / 1P
Ceramic Quad Flat Pack Package
logo
Pericom Semiconductor C...
ZL10 PERICOM-ZL10 Datasheet
167Kb / 1P
10-Contact, Thin Fine Pitch Quad Flat No-Lead (TQFN)
logo
Clairex Technologies, I...
CLE100F CLAIREX-CLE100F Datasheet
103Kb / 1P
Gallium Arsenide IRED Flat Lead PLCC Package
CLE110F CLAIREX-CLE110F Datasheet
104Kb / 1P
Gallium Arsenide IRED Flat Lead PLCC Package
logo
Mitsubishi Electric Sem...
MGF4921AM MITSUBISHI-MGF4921AM Datasheet
230Kb / 10P
4pin flat lead package
logo
ACCUTEK MICROCIRCUIT CO...
AK32D300-QFP5X5 ACCUTEK-AK32D300-QFP5X5_12 Datasheet
1Mb / 9P
Quad Flat Package DIP or PGA Adapters
logo
STMicroelectronics
TQFP44 STMICROELECTRONICS-TQFP44 Datasheet
95Kb / 5P
44-LEAD THIN QUAD FLAT PACKAGE
Nov-2004
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com