Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QFN Datasheet(PDF) 2 Page - STATS ChipPAC, Ltd.

Part # QFN
Description  Quad Flat No-Lead Package
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STATSCHIP [STATS ChipPAC, Ltd.]
Direct Link  http://www.statschippac.com
Logo STATSCHIP - STATS ChipPAC, Ltd.

QFN Datasheet(HTML) 2 Page - STATS ChipPAC, Ltd.

  QFN Datasheet HTML 1Page - STATS ChipPAC, Ltd. QFN Datasheet HTML 2Page - STATS ChipPAC, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
The STATS ChipPAC logo is a registered trademark of STATS ChipPAC Ltd. All other product names and other company names herein are for identification purposes only and may be the trademarks or registered trademarks
of their respective owners. STATS ChipPAC disclaims any and all rights in those marks. STATS ChipPAC makes no guarantee or warranty of its accuracy in the information given, or that the use of such information
will not infringe on intellectual rights of third parties. Under no circumstances shall STATS ChipPAC be liable for any damages whatsoever arising out of the use of, or inability to use the materials in this document.
STATS ChipPAC reserves the right to change the information at any time and without notice.
©Copyright 2006. STATS ChipPAC Ltd. All rights reserved.
May 2006
Corporate Office 10 Ang Mo Kio St. 65, #05-17/20 Techpoint, Singapore 569059 Tel: 65-6824-7777 Fax: 65-6720-7823
Global Offices
USA 510-979-8000
JAPAN 81-3-5789-5850
CHINA 86-21-5976-5858
MALAYSIA 603-4257-6222
KOREA 82-31-639-8911
TAIWAN 886-3-593-6565
UK 44-1483-413-700
NETHERLANDS 31-38-333-2023
SPECIFICATIONS
Die Thickness
150-350
µm
Gold Wire
20-33µm (0.8-1.3mils) diameter
Lead finish
Matte Tin, preplated Ni/Pd/Au or Sn/Pb
Marking
Laser
Packing Options
Tape & reel, tube, JEDEC tray
RELIABILITY
Moisture Sensitivity Level
JEDEC MSL 3/2/1
(depending on package)
Temperature Cycling
–65°C/150°C, 1000 cycles
High Temp Storage
150°C, 1000 hrs
Pressure Cooker Test
121°C, 100% RH, 2 atm, 168 hrs
Temperature/Humidity Test
85°C/85% RH, 1000 hrs
THERMAL PERFORMANCE,
θja (°C/W)
Package
Body Size
Pad Size
Die Size
*Thermal Performance
Thermal Vias
(mm)
(mm)
(mm)
θja(°C/W)
(on test board)
48L UQFN
7 x 7 x 0.50
5.1 x 5.1
2.26 x 2.26
26.3
2 5
64L QFN
9 x 9 x 0.85
7.3 x 7.3
4.52 x 4.52
19.2
3 6
76L QFN-dr
8 x 8 x 0.85
5.28 x 5.28
4.52 x 4.52
26.6
1 6
Notes: Simulation data for package mounted on 4 layer PCB (per JEDEC JESD51-7) under natural convection as defined in JESD51-2.
CROSS-SECTIONS
ELECTRICAL PERFORMANCE
Package
Body Size (mm)
Frequency
Length
Inductance (nH)
Capacitance (pF)
48L UQFN
7 x 7 x 0.50
100 MHz
Self (short)
0.88
0.191
Mutual
0.20
0.032
Self (long)
0.98
0.223
Mutual
0.27
0.064
76L QFN-dr
8 x 8 x 0.85
100 MHz
Self (short)
1.33
0.180
Mutual
0.45
0.080
Self (long)
1.68
0.270
Mutual
0.53
0.110
Note: Results are simulated values per JEDEC EIA/JEP123 standards.
PACKAGE CONFIGURATIONS
Pkg Size (mm) Lead Pitch (mm)
Lead Count
2 x 2
0.65/0.50
4/8
2 x 3
0.50
6/8
3 x 3
0.80/0.65/0.50/0.40
4/8/12/16/20
4 x 4
0.80/0.65/0.50/0.40
12/14/16/20/24/28
5 x 5
0.80/0.65/0.50/0.40
14/16/20/28/32/40
6 x 5
0.80/0.65/0.50
18/20/22/32
6 x 6
0.80/0.65/0.50/0.40
20/24/28/32/36/38/40/48
7 x 7
0.80/0.65/0.50/0.40
28/32/36/40/44/48/56
8 x 8
0.80/0.65/0.50/0.40
28/32/36/40/44/48/52/56/64
9 x 9
0.65/0.50/0.40
44/48/56/60/64/72
10 x 10
0.50/0.40
64/68/72/88
10 x 10
0.50 dual row
124
12 x 12
0.50 dual row
156
QFN
Quad Flat No-Lead Package
QFNs-dr
QFNs
QFNp
QFNp-dr



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com