Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVFS Datasheet(PDF) 1 Page - DB Lectro Inc

Part # NVFS
Description  Small size and light weight. Heavy contact load (30A)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

NVFS Datasheet(HTML) 1 Page - DB Lectro Inc

  NVFS Datasheet HTML 1Page - DB Lectro Inc NVFS Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Small size and light weight. Heavy contact load (30A).
Contact arrangement Form A.
Suitable for automobile and lamp accessories application.
Insert mounting footprint.
With metal frame.
Ordering Information
NVFS
A
15
DC12V
1
2
3
4
1 Part number:NVFS
2 Contact arrangement: A:1A
3 Contact rating:15:15A/14VDC;30:30A/14VDC
4 Coil rated Voltage(V):DC: 6,12,24
Contact Data
Contact Arrangement
1A
SPSTNO
Contact Material
Ag SnO
2
Contact Rating (resistive)
15A
30A/14VDC
Max. Switching Power
420W
Max. Switching Voltage
75VDC
Max. Switching Current:30A
Contact Resistance or Voltage drop
50m
Item 3.12 of IEC255-7
Electrical
10
5
Item 3.30 of IEC255-7
Operation
life
Mechanical
10
7
Item 3.31 of IEC255-7
Coil Parameter
Coil voltage
VDC
Dash
numbers
Rated
Max.
Coil
resistance
±10%
Pickup
voltage
VDC(max)
(65%of rated
voltage )
release
voltage
VDC(min)
(20% of rated
voltage)
Coil power
consumption
W
Operate
Time
ms
Release
Time
ms
006-1800
6
7.8
20
3.9
1.2
012-1800
12
15.6
80
7.8
2.4
024-1800
24
31.2
320
15.6
4.8
1.8
7
5
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
.
147
NVFS
32.6
×25.2×21
Patent No.99215698.X
www.dblectro.com


Similar Part No. - NVFS

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NVFS DBLECTRO-NVFS Datasheet
303Kb / 2P
Small size and light weight. Heavy contact load (30A).
logo
HuaXinAn Electronics CO...
NVFS HUAXINAN-NVFS Datasheet
365Kb / 1P
Insert mounting ,With metal frame.
logo
DB Lectro Inc
NVFSA15DC12V DBLECTRO-NVFSA15DC12V Datasheet
303Kb / 2P
Small size and light weight. Heavy contact load (30A).
NVFSA15DC24V DBLECTRO-NVFSA15DC24V Datasheet
303Kb / 2P
Small size and light weight. Heavy contact load (30A).
NVFSA15DC6V DBLECTRO-NVFSA15DC6V Datasheet
303Kb / 2P
Small size and light weight. Heavy contact load (30A).
More results

Similar Description - NVFS

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NVFS DBLECTRO-NVFS_05 Datasheet
303Kb / 2P
Small size and light weight. Heavy contact load (30A).
logo
HuaXinAn Electronics CO...
JQX-13F1B HUAXINAN-JQX-13F1B Datasheet
993Kb / 2P
Small size, light weight, heavy reverse power.
JQX-13F1C HUAXINAN-JQX-13F1C Datasheet
993Kb / 2P
Small size, light weight, heavy reverse power.
JQX-13F2C HUAXINAN-JQX-13F2C Datasheet
993Kb / 2P
Small size, light weight, heavy reverse power
JZX-18FF2B HUAXINAN-JZX-18FF2B Datasheet
1,008Kb / 1P
Small size, light weight, heavy reverse power.
JZX-18FF2C HUAXINAN-JZX-18FF2C Datasheet
1,008Kb / 1P
Small size, light weight, heavy reverse power
JZX-18FF3A HUAXINAN-JZX-18FF3A Datasheet
1,008Kb / 1P
Small size, light weight, heavy reverse power
JZX-18FF3C HUAXINAN-JZX-18FF3C Datasheet
1,008Kb / 1P
Small size, light weight, heavy reverse power
JZX-18FF4C HUAXINAN-JZX-18FF4C Datasheet
1,008Kb / 1P
Small size, light weight, heavy reverse power
NT73-2A HUAXINAN-NT73-2A Datasheet
522Kb / 1P
Small size, light weight, heavy reverse power
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com