Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVFS Datasheet(PDF) 2 Page - DB Lectro Inc

Part # NVFS
Description  Small size and light weight. Heavy contact load (30A)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

NVFS Datasheet(HTML) 2 Page - DB Lectro Inc

  NVFS Datasheet HTML 1Page - DB Lectro Inc NVFS Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Operation condition
Insulation Resistance
100M
min (at 500VDC)
Item 7 of IEC255-5
Dielectric Strength
Between contacts
Between
contact and coil
50Hz 500V
50Hz 750V
Item 6
of IEC255-5
Item 6
of IEC255-5
Shock resistance
147m/s
2
11ms
IEC68-2-27 Test Ea
Vibration resistance
10~40Hz
double amplitude
1.27mm
IEC68-2-6
Test Fc
Terminals strength
8N
IEC68-2-21 Test Ua2
Solderability
235
’x2’
3
x0.5s
IEC68-2-20 Test Ta method 1
Ambient Temperature
-40~85
’
Relative Humidity
85% (at 40
’)
IEC68-2-3 Test Ca
Mass
32g
Qualification inspection:
Perform the qualification test as specified in the table
of IEC255-19-1 and minimum sample size 24.
Dimensions (Unit: mm)
NOTES 1).Dimensions are in millimeter.
2).Inch equivalents are given for general information only.
NVFS
Wiring diagram (Bottom views)
mm
>àçÇá
0.8
0.031
4.85
0.191
5.1
0.201
5.2
0.205
5.3
0.209
6
0.236
6.3
0.248
6.5
0.256
8.4
0.331
9
0.354
11.5
0.453
12
0.472
13.5
0.531
14.9
0.587
16.8
0.661
17.9
0.705
19.1
0.752
21
0.827
24.5
0.965
25.2
0.992
27.5
1.083
32
1.260
34.6
1.362
36
1.417
36
34.6
4.85
4-6.3X0.8
5.1
24.5
0.8
6
5.2
Fuse-wire
Shrouded type with bracket
8.4
17.9
Fuse-wise
14.9
19.1
9
12
25.2
Dimensions
Mounting (Bottom views)
www.dblectro.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com