Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CL25 Datasheet(PDF) 2 Page - Artesyn Technologies

Part # CL25
Description  Single, dual and triple outputs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

CL25 Datasheet(HTML) 2 Page - Artesyn Technologies

  CL25 Datasheet HTML 1Page - Artesyn Technologies CL25 Datasheet HTML 2Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Notes
1
Peak output current lasting less than 60 seconds with duty cycle <5%.
During peak loading outputs may exceed total regulation limits.
2
50MHz bandwidth, peak-to-peak, measured differentially.
3
Total regulation is defined as the static output regulation at 25°C, including
initial tolerance, line voltage within stated limits and load currents within
stated limits.
4
Output B of dual models is a floating output. Polarity is referenced by user.
5
The output cable length is reduced to 24” for all multiple output models
and for the CL25-7605.
6
To maintain user-system safety approvals, the input power cable must be
appropriately rated and approved.
ALL DIMENSIONS IN INCHES (mm)
(160.0
)
+ 0.3
- 0.0
MINI
DIN
PLUG
A
A
72.0 ref
(1830
± 30)
6.32 ref
DG
J
1
1
3
2
5
6
4
VIEW A-A
SCALE: NONE
"AMP" P/N 750208-4
or equiv. Mating part
"AMP" P/N749232-1
or equiv.
7
8
P1
DL DN
J1
MINI
DIN
PLUG
A
A
OUTPUT
OUTPUT CURRENT
RIPPLE (2)
TOTAL
MODEL NUMBER
VOLTAGE
MAX
PEAK (1)
REGULATION (3)
5.1V
5.0A
6.0A
100mV
±4.0%
CL25-7605(5)
9.5V
2.5A
3.2A
95mV
±4.0%
CL25-7614
12.0V
2.0A
2.5A
120mV
±4.0%
CL25-7612
16V
1.5A
2.0A
160mV
±4.0%
CL25-7616
24.0V
1.0A
1.5A
240mV
±4.0%
CL25-7624
48.0V
0.5A
0.7A
240mV
±4.0%
CL25-7617
+5.1V (A)
2.5A
4.0A
50mV
±3.0%
CL25-7618
±12.0V (B) (4)
1.0A
2.0A
120mV
±3.0%
+5.1V (A)
2.5A
4.0A
50mV
±3.0%
CL25-7619(5)
±15V (B) (4)
0.8A
1.5A
150mV
±3.0%
+5.1V (A)
2.5A
4.0A
50mV
±3.0%
CL25 -7620(5)
±24V (B) (4)
0.5A
1.0A
240mV
±3.0%
+5.1V (A)
2.0A
4.0A
50mV
±4.0%
CL25-7608(5)
+12V (B)
1.0A
2.0A
120mV
±5.0%
– 12V (C)
0.2A
1.0A
120mV
±5.0%
+5.1V (A)
2.0A
4.0A
50mV
±4.0%
CL25-7610(5)
+15V (B)
0.5A
1.5A
150mV
±5.0%
–15V(C)
0.2A
1.0A
150mV
±5.0%
PIN
SINGLE
DUAL
TRIPLE
NUMBER
OUTPUT
OUTPUT
OUTPUT
Pin 1
VA
VA
VA
Pin 2
VA
VA
VA
Pin 3
VA
VA
VA
Pin 4
VA
VB+VB
Pin 5
Return
VB–VC
Pin 6
Return
Return
Return
Pin 7
Return
Return
Return
Pin 8
Return
Return
Return
25 Watt
AC/DC external power supplies
AC/DC POWER SUPPLIES
|
25W AC/DC
PAGE 2
http://www.artesyn.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com