Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CL25 Datasheet(PDF) 1 Page - Artesyn Technologies

Part # CL25
Description  Single, dual and triple outputs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

CL25 Datasheet(HTML) 1 Page - Artesyn Technologies

  CL25 Datasheet HTML 1Page - Artesyn Technologies CL25 Datasheet HTML 2Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
International Safety Standard Approvals
VDE0805/EN60950/IEC950 File No. 10401-3336-1071
Licence No. 90353, 79517 and 1071
UL1950 File No. E136005
CSA C22.2 No. 950 File No. LR41062C/LR50913/LR101320
Certificate No. 606008
OUTPUT SPECIFICATIONS
Line regulation
Single outputs
±0.5%
LL to HL, FL
Multi's: +5.1V output
±0.5%
Multi's: aux. outputs
±1.0%
Overshoot/undershoot
At turn-on
10%
Transient response
+5.1V
±250mV max. dev.
(40% to 60%
1ms recovery
full load step)
to 1%
Temperature coefficient All outputs
±0.025%/°C
Overvoltage protection
+5V output only
6.25V ±0.75V
Output power limit
Primary power limited
45W Pin max.
Short circuit protection
Continuous
with auto restart
Minimum output current
0A
INPUT SPECIFICATIONS
Input voltage range
90 to 264VAC
120 to 370VDC
Input frequency range
47 to 440Hz
Input surge current
110VAC
12A max.
230VAC
24A max.
Safety ground
110VAC, 60Hz
1mA max.
leakage current
230VAC, 50Hz
2mA max.
ELECTROMAGNETIC COMPATIBILITY SPECIFICATIONS
Radiated noise
EN55022, EN55011, FCC
Level A
Conducted noise
EN55022, EN55011, FCC
Level B
Electrostatic discharge
EN61000-4-2
Level 4
Electrostat. air discharge IEC801-2
Level 3
RF field susceptibility
IEC801-3
Level 3
Electrical fast
EN61000-4-4
Level 3
transients/bursts
Surge susceptibility
EN61000-4-5
Level 3
GENERAL SPECIFICATIONS
Hold-up time
110VAC
10ms
230VAC
60ms
Efficiency
110VAC and 230VAC
70% typical
Isolation voltage
Input/output
3000VAC
Input/chassis
1500VAC
Switching frequency
Variable
45kHz to 85kHz
Approvals and
Safety
VDE0805, EN60950
standards
BABT, IEC950, UL1950
CSA C22.2 No. 950
Case material
ABS plastic
Material flammability
UL94-5V
Weight
500g (17.65oz)
MTBF
MIL-HDBK-217E
150,000 hours
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating
0°C to +40°C
Non-operating
–40°C to +85°C
0°C to +40°C ambient,
25W
convection cooled
Peak (0°C to 40°C, max. 60s),
35W
See Note 1
Relative humidity
Non-condensing
5% to 95% RH
Altitude
Operating
10,000 feet max.
Non-operating
30,000 feet max.
Vibration
5Hz to 500Hz
2.4G rms (approx.)
For new design -ins refer to the SCL25 series instead
CL25 SERIES
Single, dual and triple outputs
[ 2 YEAR WARRANTY ]
• 90VAC to 264VAC Universal Input
• Short Circuit Protected
• VDE, UL, CSA and BABT Approved
• VDE0871 Level B Conducted Noise
• 25W Continuous, 35W Peak Output Power
• Stand alone "listed" equipment
The CL25 Series of 25W (35W peak) external switching power supplies enables
the system specifier to optimise the design for several reasons. Firstly, because
the power supply offers pre-approved SELV outputs, the submission of the
apparatus for safety approval is simplified. Secondly, the task of integrating the
power supply into the mechanical design is eliminated, presenting further
savings by ensuring a shorter and simpler design cycle. These advantages are
complemented by Universal Input, IEC950, UL, CSA and BABT approvals, to
complete a worldwide packaged power solution suitable for a wide variety of
low power, desktop applications.
SPECIFICATION All specifications are typical at nominal input, full load at 25°C unless otherwise stated
PAGE 1
geprüfte
Sicherhelt


Similar Part No. - CL25

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
CL25 SUTEX-CL25 Datasheet
508Kb / 5P
Simple 90V, 25mA, Temperature Compensated, Constant Current, LED Driver IC
logo
Laird Tech Smart Techno...
CL2510 LSTD-CL2510 Datasheet
293Kb / 2P
Standard Male DB-9 DCE serial interface
CL2510-100-232 LSTD-CL2510-100-232 Datasheet
293Kb / 2P
Standard Male DB-9 DCE serial interface
CL2510-100-232-SP LSTD-CL2510-100-232-SP Datasheet
293Kb / 2P
Standard Male DB-9 DCE serial interface
logo
Raltron Electronics Cor...
CL2520 RALTRON-CL2520 Datasheet
326Kb / 3P
LVDS SURFACE MOUNT CLOCK OSCILLATOR
More results

Similar Description - CL25

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCHF10W WALL-DCHF10W_16 Datasheet
177Kb / 4P
Single and Dual Outputs
ELANC WALL-ELANC_16 Datasheet
153Kb / 4P
Single and Dual Outputs
LANCUW8 WALL-LANCUW8_16 Datasheet
417Kb / 5P
Single and Dual Outputs
LANCW5 WALL-LANCW5_11 Datasheet
261Kb / 4P
Single and Dual Outputs
DCHF20W WALL-DCHF20W Datasheet
189Kb / 4P
Single, Dual, and Triple Outputs
DCHF30W WALL-DCHF30W Datasheet
188Kb / 4P
Single, Dual, and Triple Outputs
DCHF40W WALL-DCHF40W Datasheet
316Kb / 4P
Single, Dual, and Triple Outputs
LANCUW15 WALL-LANCUW15_16 Datasheet
232Kb / 5P
Single and Dual Outputs
LANCW15 WALL-LANCW15_16 Datasheet
276Kb / 5P
Single and Dual Outputs
YFW WALL-YFW Datasheet
477Kb / 7P
20 Watts DC/DC Converter Single, Dual, and Triple Outputs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com