Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP60 Datasheet(PDF) 2 Page - TRACO Electronic AG

Part # TOP60
Description  AC/DC Power Supplies TOP 60 Series, 60 Watt
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG

TOP60 Datasheet(HTML) 2 Page - TRACO Electronic AG

  TOP60 Datasheet HTML 1Page - TRACO Electronic AG TOP60 Datasheet HTML 2Page - TRACO Electronic AG TOP60 Datasheet HTML 3Page - TRACO Electronic AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
http://www.tracopower.com
Page 2 of 3
AC/DC Power Supplies
TOP-60 Series
60 Watt
Input Specifications
Input voltage
– nominal
100 – 240 VAC (universal input)
– AC input range
90 – 264 VAC (with derating at low input)
– DC input range
110 – 370 VDC (max. 40 W output power at
input below 120 VDC)
Input frequency
47 – 63 Hz
Harmonic limits
EN 61000-3-2, class A
Earth leakage current
150 µA max. @264 VAC, 63 Hz
Inrush current
– 115 VAC
30 A typ.
(< 2ms, cold start at 25°C) – 230 VAC
60 A typ.
Input protection
T3.15 A internal fuses (line and neutral)
Recommended circuit breaker
5 A (characteristic C or slow blow fuse)
Output Specifications
Voltage set accuracy
single output models: 2 % max.
multi output models, output 1: 3 % max.
multi output models, other outputs: 5 % max.
Regulation
– Input
0.5 % max.
– Load variation
single output models: 2 % max.
multi output models, output 1: 3 % max.
multi output models, other outputs: 5 % max.
Minimum load (to meet regulation specs)
multi output models, output 1: 0.5 A
multi output models, output 2: 0.1 A
(not required for single output models and
output 3 of multi output models)
Ripple and noise (20Mhz Bandwidth)
3.3 & 5 VDC models: <100 mVp-p
other models: 1 % Vout
Overvoltage protection (output 1 only)
at 110 % – 135 % of Vout nominal
Short circuit protection
foldback (automatic recovery)
Capacitive load
TOP 60105/60112/60115/60124/60148 models: 3300/2200/1500/470/0 µF max.
TOP 60252/60254 models: 2200/82 µF max.
TOP 60522/60316/60317/60533/60318 models: 1500/5600/1200/470/330 µF max.
Transient response (25 % load step change)
500 µs typ.
Hold-up time
– Vin = 110 VAC
12 ms typ.
– Vin = 230 VAC
15 ms typ.
General Specifications
Temperature ranges
– Operating
–10°C to +70°C
– Storage (non-operating)
–40°C to +85°C
Power derating
2.5 %/K above +50°C
Humidity (non condensing)
0 – 95 % rel. H max.
Efficiency
80 – 88 %
75 % for TOP 60316 & TOP 60317
Switching frequency
62 kHz typ. (pulse width modulation)
Altitude during operation
up to 3‘000 m (10‘000 ft) approved
Start-up time
– Vin = 115 VAC
<3.5s
– Vin = 230 VAC
<2s
Electromagnetic compatibility – Electrostatic discharge ESD
EN 61000-4-2
±8 kV / ±6 kV
– RF field susceptibility
EN 61000-4-3
3 V/m
– Electrical fast transient / burst immunity input
EN 61000-4-4
±2 kV
– Electrical fast transient / burst immunity output
EN 61000-4-4
±2 kV
– Surge immunity line – neutral ground
EN 61000-4-5,
±2 kV
– Surge immunity output
EN 61000-4-5
±1 kV
– Immunity to conducted RF disturbances
EN 61000-4-6
3 Vrms
– Magnetic field immunity
EN 61000-4-8
3 A/m
– Mains voltage dips and interruptions
EN 61000-4-11
30 % 500 ms, 60 % 100 ms,
>95 % 10 ms



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com