Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP60 Datasheet(PDF) 1 Page - TRACO Electronic AG

Part # TOP60
Description  AC/DC Power Supplies TOP 60 Series, 60 Watt
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG

TOP60 Datasheet(HTML) 1 Page - TRACO Electronic AG

  TOP60 Datasheet HTML 1Page - TRACO Electronic AG TOP60 Datasheet HTML 2Page - TRACO Electronic AG TOP60 Datasheet HTML 3Page - TRACO Electronic AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
http://www.tracopower.com
Page 1 of 3
AC/DC Power Supplies
TOP 60 Series, 60 Watt
Features
◆
60 W power supply in 2.0”x 4.0“ footprint
◆
Single-, dual- and triple output models
◆
Highest efficiency of 88% typ.
◆
Operating temperature range –10°C to +70°C
◆
EMI filter meets EN 55022, level B
◆
Compliance with EN 61000-3-2
◆
3-year product warranty
The new TOP-60 series AC/DC open frame power supplies with Industry standard
2.0” x 4.0” (50.8 x 101.6 mm) footprint feature single-, dual- and triple output
models with up to 60 Watt continuous output power. The high efficiency alouds an
operation up to 70°C with convection cooling.
Compliance with global safety and EMC standards qualify these power supplies for
industrial and IT applications.
Order Code
Output Power
Output 1
Output 2 1)
Output 3 1)
nominal
TOP 60105
55 W
5.0 VDC / 11.0 A
TOP 60112
60 W
12 VDC / 5.0 A
TOP 60115
64 W
15 VDC / 4.3 A
TOP 60124
64 W
24 VDC / 2.7 A
TOP 60148
64 W
48 VDC / 1.35 A
TOP 60252
55 W
+5.0 VDC / 6.0 A (8.0 A)1)
+12 VDC / 3.0 A
TOP 60254
55 W
+5.0 VDC / 6.0 A (8.0 A)1)
+24 VDC / 1.5 A
TOP 60522
55 W
+5.0 VDC / 6.0 A (8.0 A)1)
+12 VDC / 3.0 A
–12 VDC / 0.5 A
TOP 60533
55 W
+5.0 VDC / 6.0 A (8.0 A)1)
+15 VDC / 2.4 A
–15 VDC / 0.5 A
TOP 60316
38 W
+3.3 VDC / 6.0 A (8.0 A)1)
+5.2 VDC / 3.0 A
+12 VDC / 0.5 A
TOP 60317
38 W
+5.0 VDC / 6.0 A (8.0 A)1)
+3.3 VDC / 1.5 A
+12 VDC / 0.5 A
TOP 60318
55 W
+5.0 VDC / 6.0 A (8.0 A)1)
+24 VDC / 1.5 A
–12 VDC / 0.5 A
Models
1) Peak current for max. 10 sec. or with forced air cooling
Total power should not exceed nominal power
CB
Scheme


Similar Part No. - TOP60

ManufacturerPart #DatasheetDescription
logo
Shanghai Toplite Techno...
TOP-CC-1088AS-N4 TOPLITE-TOP-CC-1088AS-N4 Datasheet
549Kb / 8P
Low power requirement
logo
TRACO Electronic AG
TOP100 TRACOPOWER-TOP100 Datasheet
1Mb / 5P
AC/DC Power Supply TOP 100 Series, 100 Watt
Rev. November 30, 2022
TOP100-103 TRACOPOWER-TOP100-103 Datasheet
1Mb / 5P
AC/DC Power Supply TOP 100 Series, 100 Watt
Rev. November 30, 2022
TOP100-105 TRACOPOWER-TOP100-105 Datasheet
1Mb / 5P
AC/DC Power Supply TOP 100 Series, 100 Watt
Rev. November 30, 2022
TOP100-105C TRACOPOWER-TOP100-105C Datasheet
3Mb / 5P
AC/DC Power Supply TOP 100C Series, 100 Watt
Rev. November 30, 2022
More results

Similar Description - TOP60

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TOP100-12 TRUMPOWER-TOP100-12 Datasheet
124Kb / 2P
60-96 WATT AC/DC SWITCHING POWER SUPPLIES
logo
Power Systems GmbH+Co.K...
VAN60-150C POWER-SYSTEMS-VAN60-150C Datasheet
381Kb / 2P
AC-DC Power Supplies 60 WATTS DESK TOP AC ADAPTER
logo
AIMTEC
AME60-MJZ AIMTEC-AME60-MJZ Datasheet
207Kb / 5P
60 Watt | AC-DC / DC-DC Converter
logo
ETA-USA
ERB-HWA ETA-USA-ERB-HWA Datasheet
372Kb / 3P
60 WATT AC-DC CONVERTER
ERB-HWB ETA-USA-ERB-HWB Datasheet
481Kb / 3P
60 WATT AC-DC CONVERTER
BSB12SA ETA-USA-BSB12SA Datasheet
256Kb / 2P
60 & 80 WATT AC-DC
logo
TRACO Electronic AG
TMM60 TRACOPOWER-TMM60 Datasheet
999Kb / 4P
AC/DC Power Supply TMM 60 Series, 60 Watt
Rev. March 16, 2023
TMM60C TRACOPOWER-TMM60C Datasheet
1,012Kb / 4P
AC/DC Power Supply TMM 60C Series, 60 Watt
Rev. March 16, 2023
TXH060 TRACOPOWER-TXH060 Datasheet
1Mb / 4P
AC/DC Power Supply TXH 060 Series, 60 Watt
Rev. March 16, 2023
TXLN060 TRACOPOWER-TXLN060 Datasheet
904Kb / 4P
AC/DC Power Supply TXLN 060 Series, 60 Watt
Rev. March 16, 2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com