Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMP350-9604 Datasheet(PDF) 2 Page - Artesyn Technologies

Part # CMP350-9604
Description  Quad output 350 Watt AC/DC high wattage power supplies with PFC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

CMP350-9604 Datasheet(HTML) 2 Page - Artesyn Technologies

  CMP350-9604 Datasheet HTML 1Page - Artesyn Technologies CMP350-9604 Datasheet HTML 2Page - Artesyn Technologies CMP350-9604 Datasheet HTML 3Page - Artesyn Technologies CMP350-9604 Datasheet HTML 4Page - Artesyn Technologies CMP350-9604 Datasheet HTML 5Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
OUTPUT
OUTPUT
OUTPUT CURRENT
RIPPLE (3)
TOTAL
OVP
ADJUST
MODEL
VOLTAGE
TYPE
MIN (1)
MAX (2)
REGULATION
THRESHOLD
RANGE
NUMBERS (A)
5V
Main
0A
50A
50mV
±1.0%
5.75 to 6.75V
+10, -5%
CMP350-9604 (8)
3.3V (2)
Aux 1
1.0A
20A (8)
50mV
±1.0%
4.15 to 4.35V
+20, -5%
12V (2)
Aux 2
1.0A
10A (8)
120mV
±1.0%
13.2 to 14.5V
±5%
12V (2)
Aux 3
0.5A
5.0A (8)
120mV
±5.0%
12.6 to 15.2V (4)
(6)
5V
Main
0A
50A
50mV
±1.0%
5.75 to 6.75V
+10, -5%
CMP350-9601
12V (2)
Aux 1
1.0A
10A
120mV
±1.0%
13.2 to 14.5V
±5%
12V (2)
Aux 2
0.5A
5.0A
120mV
±5.0%
12.6 to 15.2V (4)
(5)
5V (2)
Aux 3
0.5A
5.0A
50mV
±1.0%
5.75 to 6.75V
(7)
5V
Main
0A
50A
50mV
±1.0%
5.75 to 6.75V
+10, -5%
CMP350-9602
12V (2)
Aux 1
1.0A
10A
120mV
±1.0%
13.2 to 14.5V
±5%
12V (2)
Aux 2
0.5A
5.0A
120mV
±5.0%
12.6 to 15.2V (4)
(5)
24V (2)
Aux 3
0.2A
2.0A
240mV
±1.0%
26.4 to 28.8V
(7)
5V
Main
0A
50A
50mV
±1.0%
5.75 to 6.75V
+10, -5%
CMP350-9606
15V (2)
Aux 1
0.8A
8.0A
150mV
±1.0%
16.5 to 18.0V
±5%
15V (2)
Aux 2
0.4A
4.0A
150mV
±5.0%
15.7 to 19.0V (4)
(5)
24V (2)
Aux 3
0.2A
2.0A
240mV
±1.0%
26.4 to 28.8V
(7)
5V
Main
0A
50A
50mV
±1.0%
5.75 to 6.75V
+10, -5%
CMP350-9603
12V (2)
Aux 1
1.0A
10A
120mV
±1.0%
13.2 to 14.5V
±5%
12V (2)
Aux 2
0.5A
5.0A
120mV
±5.0%
12.6 to 15.2V (4)
(5)
12V (2)
Aux 3
0.3A
3.0A
120mV
±1.0%
13.2 to 14.5V
(7)
3.3V
Main
0A
50A
50mV
±1.0%
4.15 to 4.35V
+20, -5%
CMP350-9692 (9)
5V (2)
Aux 1
1.0A
15A (9)
50mV
±1.0%
5.75 to 6.75V
+10, -5%
12V (2)
Aux 2
0.5A
5.0A (9)
120mV
±1.0%
13.2 to 14.5V
±5%
12V (2)
Aux 3
0.5A
5.0A (9)
120mV
±5.0%
12.6 to 15.2V (4)
(6)
24V
Main
0A
10A
240mV
±1.0%
26.4 to 28.8V
±5%
CMP350-9623
5V
Aux 1
1.0A
15A
50mV
±1.0%
5.75 to 6.75V
+10, -5%
12V
Aux 2
1.0A
10A
120mV
±1.0%
13.2 to 14.5V
±5%
12V
Aux 3
5.0A
5.0A
120mV
±5.0%
12.6 to 15.2V (4)
(6)
International Safety Standard Approvals
VDE0805/EN60950/IEC950 Licence No. 96709
UL1950 File No. E136005
CSA C22.2 No. 950 File No. LR41062C
20W MINIMUM LOAD REQUIRED TO MAINTAIN
REGULATION
350W
0W
20W
175W
0°C 10°C
20°C
30°C
40°C
50°C
60°C
70°C
DERATING CURVE (See Notes 10, 11)
Output Power (Watts)
300LFM
FORCED AIR
COOLING
350 Watt
AC/DC high wattage power supplies with PFC
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
|
350W AC/DC
PAGE 63
http://www.artesyn.com
1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com