Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMP350-9604 Datasheet(PDF) 3 Page - Artesyn Technologies

Part # CMP350-9604
Description  Quad output 350 Watt AC/DC high wattage power supplies with PFC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

CMP350-9604 Datasheet(HTML) 3 Page - Artesyn Technologies

  CMP350-9604 Datasheet HTML 1Page - Artesyn Technologies CMP350-9604 Datasheet HTML 2Page - Artesyn Technologies CMP350-9604 Datasheet HTML 3Page - Artesyn Technologies CMP350-9604 Datasheet HTML 4Page - Artesyn Technologies CMP350-9604 Datasheet HTML 5Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
USER INTERFACE PIN (J1) (B)
PIN NO. REFERENCE
FUNCTION
J1-3
12CH1
12V Bias Refd. to Main Ch. -ve
J1-4
12CH2
12V Bias Refd. to Aux. Ch. #1 -ve,
(-9601, -9602, -9603, -9606)
12V Bias Refd. to Aux. Ch. #2 -ve,
(-9604, -9692)
J1-5
VSENMAIN+
Main Ch. Positive Remote Sense
J1-6 *
AUX1SET
(See Note 14)
J1-7
GND2
Ground Refd. to Aux. Ch. #1 -ve,
(-9601, -9602, -9603, -9606)
Ground Refd. to Aux. Ch. #2 -ve,
(-9604, -9692)
J1-8
POK (13)
Power Good Detect Signal
J1-9
GND1
Ground Refd. to Main Ch. -ve
J1-10
PFD (13)
Power Fail Detect Signal
J1-12
VSENMAIN-
Main Ch. Negative Remote Sense
J1A-1 *
VAUXSEN-
Auxiliary Channel Negative Remote Sense
J1A-2 *
VAUXSEN+
Auxiliary Channel Positive Remote Sense
J1A-3 *
GND3
Ground Refd. to Aux. Ch. 1 +ve for
-9604 and -9692 models
J1A-6 *
CSAUX (12)
Auxiliary Channel Current Share Pin
J1A-7 *
TRIMAUX2
Tim Pin for 5V or 3.3V Auxiliary Channel
J1A-8
CSMAIN (12)
Main Channel Current Share Pin
J1A-9
INHIBIT-
Inhibit Signal Return
J1A-10
INHIBIT+
Inhibit Signal
J1A-11
TRIMAUX
Trim Pin for 12V or 15V Auxiliary Channel
J1A-12
TRIMAIN
Main Channel Trim Pin
PIN CONNECTIONS (TB2)
PIN NO.
REFERENCE
FUNCTION
TB2-1
AUX CH. 1
Positive
TB2-2
AUX CH. 1
Positive
TB2-3
AUX CH. 1
Negative
TB2-4
AUX CH. 1
Negative
TB2-5
AUX CH. 2
Positive
TB2-6
AUX CH. 2
Negative
TB2-7
AUX CH. 3
Positive
TB2-8
AUX CH. 3
Negative
Pin assignment (TB1)
Input connector TB1 is a standard
screw type terminal block. An IEC
type connector is provided on
enclosed models (suffix ‘CF’).
Main output connector
Main output Busbar connector
VMAIN+ and VMAIN-.
Auxiliary output pin assignment (TB2)
TB2 auxiliary output connector is used on models -9601, -9602, -9603, -9606.
Notes:
There are three external accessible connectors in the unit besides the main
Busbar. The first one is designated as TB1 which is the input power
connector.
Auxiliary output pin assignment (TB2 and TB3)
TB2 and TB3 auxiliary output connectors are used on models -9604 and
-9692. See page 66 for detail.
1
8
TB1
J1
TB2
VMAIN +
VMAIN -
TOP VIEW
1
3
PAGE 64
350 Watt
AC/DC high wattage power supplies with PFC
350W AC/DC
|
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
* Applies to -9604, -9692 models only.
PIN CONNECTIONS (TB2 AND TB3)
PIN NO.
REFERENCE
FUNCTION
TB2-1
AUX CH. 2
Positive
TB2-2
AUX CH. 2
Positive
TB2-3
AUX CH. 2
Negative
TB2-4
AUX CH. 2
Negative
TB2-5
AUX CH. 3
Positive
TB2-6
AUX CH. 3
Negative
TB3-1
AUX CH. 1
Positive
TB3-2
AUX CH. 1
Negative
PIN CONNECTIONS
Input connector TB1
PIN NO.
FUNCTION
TB1-1
Live
TB1-2
Ground
TB1-3
Neutral
PIN CONNECTIONS
Output Busbar connector
PIN NO.
FUNCTION
VMAIN+
Positive
VMAIN-
Negative



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com