Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM600 Datasheet(PDF) 1 Page - Artesyn Technologies

Part # EM600
Description  Single and dual output 1 to 1.5 Watt Nominal input DC/DC converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

EM600 Datasheet(HTML) 1 Page - Artesyn Technologies

  EM600 Datasheet HTML 1Page - Artesyn Technologies EM600 Datasheet HTML 2Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GENERAL SPECIFICATIONS
Efficiency
60 to 80%
Isolation voltage
300VDC, min.
Switching frequency
Fixed
35kHz to 60kHz.
Case material
Non-conductive
black plastic
Weight
14g (0.5oz)
MTBF
1,000,000 hours
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating ambient
–25°C to +71°C
Non-operating amb.
–40°C to +85°C
Case
+95°C, max.
Derating
None
Cooling
Free air convection cooled
Relative humidity
Non-condensing
20% to 80% RH
Altitude
Operating
10,000 feet max.
Non operating
40,000 feet max.
Vibration
5Hz to 500Hz
2.5G rms (approx.)
OUTPUT SPECIFICATIONS
Set point accuracy
±3.0%
Line regulation
All outputs
1.2% change Vout,
per 1.0% change in Vin
Load regulation
20% FL to 100% FL
6.0% typ.
Ripple and noise
20MHz
100mV pk-pk, max.
See Notes 1, 8
Short circuit protection
Yes, automatic restart
INPUT SPECIFICATIONS
Input voltage range
5VDC
4.5 to 5.5VDC
12VDC
10.8 to 13.2VDC
Input filter
Pi network
EM600 SERIES
Single and dual output
[ 2 YEAR WARRANTY ]
• 70% efficiency typical
• Unregulated outputs
• 24 pin DIP package
• No derating
• Short circuit protection
This series of low cost, unregulated DC/DC converters comes in ultra miniature
24 pin DIP packages. Five different models with a Pi network input filter that
suppresses input reflected ripple current. The units feature 5V output at 1 Watt,
and 12V, ±12V, and ±15V outputs at 1.5 Watts; input voltages are either 5V or
12V with ±10% input range. These DC/DC converters are ideal for high density
PC board applications where space is at a premium and where high efficiency is
more important than line and load regulation. Pertinent specifications include
70% efficiency, ±3% output voltage accuracy, 100mV pk-pk output ripple and
noise, and 300VDC Isolation. Switching frequency is fixed and operating
temperature range is –25°C to +71°C with no output derating. The case size is
1.25 x 0.8 x 0.4 inches.
SPECIFICATION All specifications are typical at nominal input, full load at 25°C unless otherwise stated
PAGE 1
Data Sheet © Artesyn Technologies® 2000
The information and specifications contained in this data sheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising
from printing errors or inaccuracies. Specifications are subject to change without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein.


Similar Part No. - EM600

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM60000 EMC-EM60000 Datasheet
209Kb / 13P
STEREO FOUR CHANNEL 8 BIT BASED SOUND PROCESSOR
logo
Soberton Inc.
EM6009-FC SOBERTON-EM6009-FC Datasheet
588Kb / 1P
Omnidirectional Front Electret Condenser Microphone
More results

Similar Description - EM600

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TP201 ETC1-TP201 Datasheet
62Kb / 2P
1.5 WATT and DUAL OUTPUT DC-DC CONVERTERS
logo
Artesyn Technologies
MHP10 ARTESYN-MHP10 Datasheet
44Kb / 3P
Single and dual output 10 Watt Wide input DC/DC converters
NFC10 ARTESYN-NFC10 Datasheet
45Kb / 2P
Single and dual output 10 Watt Wide input DC/DC converters
NFC20 ARTESYN-NFC20 Datasheet
47Kb / 2P
Single and dual output 20 Watt Wide input DC/DC converters
PM600 ARTESYN-PM600 Datasheet
69Kb / 2P
Single and dual output 0.5 to 1 Watt Nominal input DC/DC converters
PM700 ARTESYN-PM700 Datasheet
36Kb / 2P
Single and dual output 3 Watt Nominal input DC/DC converters
PM800 ARTESYN-PM800 Datasheet
38Kb / 2P
Single and dual output 10 to 12 Watt Nominal input DC/DC converters
PM900 ARTESYN-PM900 Datasheet
43Kb / 2P
Single and dual output 5 to 6 Watt Nominal input DC/DC converters
logo
Wall Industries,Inc.
LANEC WALL-LANEC Datasheet
112Kb / 2P
Single Output, to 1 Watt dc/dc converters
logo
Intronics Power, Inc.
DC500 INTRONICS-DC500 Datasheet
140Kb / 1P
1.5 WATT SINGLE & DUAL OUTPUT DC-DC CONVERTERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com