Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM600 Datasheet(PDF) 2 Page - Artesyn Technologies

Part # EM600
Description  Single and dual output 1 to 1.5 Watt Nominal input DC/DC converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

EM600 Datasheet(HTML) 2 Page - Artesyn Technologies

  EM600 Datasheet HTML 1Page - Artesyn Technologies EM600 Datasheet HTML 2Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.08 (2.00)
0.02 Dia.
(0.50)
1.25
(31.80)
0.10
(2.54)
0.15
(3.80)
0.40
(10.20)
0.80
(20.30)
0.60
(15.20)
CASE F
ALL DIMENSIONS INCHES (mm)
24
23
22
1
2
3
15
14
13
10
11
12
BOTTOM
VIEW
Typical Load Regulation
% Rated Load
Line A-EM621
Line B-All Other Models
114
112
110
108
106
104
102
100
98
0
10
20
40
60
80
100
A
B
Notes
1
15µF, 35V tantalum capacitor across each output.
2
Maximum value at full load.
3
Figure is peak-to-peak.
4
Line regulation is per 1.0% change in input voltage.
5
Load regulation is for load change from 100% to 20% (see graph).
6
Standard specifications are conservative and can be optimised for specific
applications. In particular, converter start-up at lower than specified
temperature, wider input voltage range and output voltage adjustment are
all relatively simple modifications to the standard product. Consult factory
for details.
7
On dual output models the four common pins are internally connected.
The outputs can be returned through one pin while the others remain
floating.
8
Fixed frequency design provides for easier input filtering and better noise
performance.
PIN CONNECTIONS
PIN
SINGLE
DUAL
NUMBER
OUTPUT
OUTPUT (7)
1
+V Input
+V Input
2
Do not connect
–V Output
3
Do not connect
Common
10
–V Output
Common
11
+V Output
+V Output
12
–V Input
–V Input
13
–V Input
–V Input
14
+V Output
+V Output
15
–V Output
Common
22
Do not connect
Common
23
Do not connect
–V Output
24
+V Input
+V Input
1 to 1.5 Watt
Nominal input DC/DC converters
DC/DC CONVERTERS
|
1.0-1.5W DC/DC
PAGE 2
http://www.artesyn.com
INPUT
OUTPUT
OUTPUT
INPUT
REFLECTED
REGULATION
MODEL
VOLTAGE
VOLTAGE
CURRENT
CURRENT (2)
RIPPLE CURRENT (3)
LINE (4)
LOAD (5)
NUMBER
5VDC
5VDC
220mA
345mA
90mA
1.2%
8.0%
EM621
5VDC
±12VDC
±62mA
450mA
90mA
1.2%
6.0%
EM671
5VDC
±15VDC
±50mA
450mA
90mA
1.2%
6.0%
EM672
12VDC
5VDC
220mA
125mA
90mA
1.2%
8.0%
EM631
12VDC
12VDC
125mA
170mA
90mA
1.2%
6.0%
EM633



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com