Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPD15 Datasheet(PDF) 1 Page - Artesyn Technologies

Part # HPD15
Description  Single, dual and triple output 15 Watt Wide input DC/DC converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

HPD15 Datasheet(HTML) 1 Page - Artesyn Technologies

  HPD15 Datasheet HTML 1Page - Artesyn Technologies HPD15 Datasheet HTML 2Page - Artesyn Technologies HPD15 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HPD15 SERIES
Single, dual and triple output
[ 2 YEAR WARRANTY ]
• 2.0 x 2.0 x 0.4 inch package (singles and duals)
• 2:1 wide input voltage range
• 30 models available including 2.1V and 3.3V outputs
• Indefinite short circuit protection
• EN55022 conducted emissions level A
• Designed to meet EN60950 and IEC950
The HPD15 series of DC/DC converters offer 15 Watts of output power in a high
density 2 x 2 inch case. A range comprises 30 models with 2:1 wide input
voltages of 9-18V, 18-36V and 36-72VDC. Single, dual and triple outputs are
available with 2.1V and 3.3V single outputs suitable for low voltage logic
requirements. Standard features of the HPD15 series include indefinite short
circuit protection and undervoltage lockout. The series meets EN55022 level A
conducted and radiated emissions. In addition to this, all outputs are regulated
and isolated from the input. Typical applications are on board logic or analog
circuits supplied by telecom distribution power voltages, cellular and
telecommunications systems.
SPECIFICATION All specifications are typical at nominal input, full load at 25°C unless otherwise stated
PAGE 1
OUTPUT SPECIFICATIONS
Line regulation
LL to HL, singles and duals
±0.3%
LL to HL, triple output
±1.5%
Cross regulation
Duals: asymmetrical load
4.0% max.
10% to 100% FL
Triples: asymmetrical load
5.0% max.
10% to 100% FL
Load regulation
Singles and duals:
±0.2%
10% to 100% FL
Triples: 10% to 100% FL
±4.0%
Voltage accuracy
±2.0%
Minimum load
2.1V, 3.3V, 5V
50mA max.
Single 12V, 15V
20mA max.
Duals & triples, each output
10% FL
Overshoot
At start-up
3.0% max.
Ripple and noise
20MHz bandwidth
1.5% pk-pk, max.
20mV rms
Temperature coefficient
±0.02%/°C
Short circuit protection
Hiccup mode
Indefinite
See Note 4
INPUT SPECIFICATIONS
Input voltage range
12VDC nominal
9 to 18VDC
24VDC nominal
18 to 36VDC
48VDC nominal
36 to 72VDC
Input current
See table
Undervoltage lockout
12V nominal
8.5VDC
(dual and triple outputs) 24V nominal
17VDC
48V nominal
34VDC
Start-up time
200ms
EMC CHARACTERISTICS
Conducted emissions
EN55022, FCC part 15
Level A
Radiated emissions
EN55022, FCC part 15
Level A
GENERAL SPECIFICATIONS
Efficiency
See table
78% typ.
Isolation voltage
Input/output
500VDC
Isolation resistance
Input/output
109
Ω
Isolation capacitance
Input/output
1nF
Switching frequency
Fixed
180 to 220kHz
Approvals and
Designed to meet
EN60950
standards
IEC950
Case material
Black coated, metal case
Material flammability
UL94V-0
Weight
65g (2.29oz)
MTBF
MIL-HDBK-217F
300,000 hours
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating ambient
-10°C to +50°C
(See derating curve)
Extended temp.,
-25°C to +50°C
option, See Note 2
Non-operating amb.
-25°C to +95°C
Case
+95°C max.
Derating
See derating curve
Cooling
Free air convection cooled
Relative humidity
Non-condensing
30% to 95%
Altitude
Operating
10,000 feet max.
Non operating
40,000 feet max.
Vibration
5Hz to 500Hz
2.5G rms (approx.)


Similar Part No. - HPD15

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HPD150 HITRON-HPD150 Datasheet
226Kb / 2P
UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC INDUSTRIAL DIN- RAIL SINGLE OUTPUT 150 WATTS ACTIVE CURRENT SHARING SWITCHING MODE POWER SUPPLIES
HPD150-S120125 HITRON-HPD150-S120125 Datasheet
226Kb / 2P
UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC INDUSTRIAL DIN- RAIL SINGLE OUTPUT 150 WATTS ACTIVE CURRENT SHARING SWITCHING MODE POWER SUPPLIES
HPD150-S240065 HITRON-HPD150-S240065 Datasheet
226Kb / 2P
UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC INDUSTRIAL DIN- RAIL SINGLE OUTPUT 150 WATTS ACTIVE CURRENT SHARING SWITCHING MODE POWER SUPPLIES
HPD150-S480034 HITRON-HPD150-S480034 Datasheet
226Kb / 2P
UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC INDUSTRIAL DIN- RAIL SINGLE OUTPUT 150 WATTS ACTIVE CURRENT SHARING SWITCHING MODE POWER SUPPLIES
More results

Similar Description - HPD15

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
LPD10 ARTESYN-LPD10 Datasheet
44Kb / 2P
Single, dual and triple output 10 Watt Wide input DC/DC converters
MHP10 ARTESYN-MHP10 Datasheet
44Kb / 3P
Single and dual output 10 Watt Wide input DC/DC converters
NFC10 ARTESYN-NFC10 Datasheet
45Kb / 2P
Single and dual output 10 Watt Wide input DC/DC converters
NFC15 ARTESYN-NFC15 Datasheet
47Kb / 2P
Single and dual output 15 Watt Wide input DC/DC converters
NFC20 ARTESYN-NFC20 Datasheet
47Kb / 2P
Single and dual output 20 Watt Wide input DC/DC converters
NFC25 ARTESYN-NFC25 Datasheet
162Kb / 3P
Triple output 25 Watt Wide input DC-DC converters
NFC40 ARTESYN-NFC40 Datasheet
72Kb / 3P
Single and triple output 40 Watt Wide input DC/DC converters
SDW30 ARTESYN-SDW30 Datasheet
43Kb / 2P
Single, dual and triple output 30 Watt Wide input DC/DC converters
logo
RSG Electronic Componen...
EC2EE01 RSG-EC2EE01 Datasheet
49Kb / 1P
15 WATT WIDE INPUT DC-DC CONVERTERS
EC3CB01 RSG-EC3CB01 Datasheet
773Kb / 1P
15 WATT WIDE INPUT DC-DC CONVERTERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com