Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPD15 Datasheet(PDF) 3 Page - Artesyn Technologies

Part # HPD15
Description  Single, dual and triple output 15 Watt Wide input DC/DC converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

HPD15 Datasheet(HTML) 3 Page - Artesyn Technologies

  HPD15 Datasheet HTML 1Page - Artesyn Technologies HPD15 Datasheet HTML 2Page - Artesyn Technologies HPD15 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
0.42
(10.70)
ALL DIMENSIONS IN INCHES (mm)
Tolerance
:
±0.008 (0.2) max. on pin placement
±0.02 (0.5) max. on outer dimensions
1.65
(42.00)
-
+
1.70
(43.20)
0.85
(21.60)
0.17
(4.40)
2.00
(50.80)
Input
-
+
0.85
(21.60)
Output
COM/N.C.
BOTTOM VIEW
Pinout (single, dual)
Ø 0.04 Dia.
(1.00)
0.24
(6.00)
2.00
(50.80)
0.15
(3.80)
0.17
(4.40)
0.15
(3.80)
1.15
(3.80)
1.15
(3.80)
ALL DIMENSIONS IN INCHES (mm)
Tolerance
:
±0.008 (0.2) max. on pin placement
±0.02 (0.5) max. on outer dimensions
Pinout (Single, Dual)
0.20
(5.10)
-
+
0.80
(20.30)
Input
-
+
Output
COM/N.C.
BOTTOM VIEW
0.60
(15.25)
0.42
(10.70)
2.00
(50.80)
Ø 0.04 Dia.
(1.00)
0.24
(6.00)
2.00
(50.80)
0.60
(15.25)
0.60
(15.25)
0.60
(15.25)
0.90
(22.85)
0.90
(22.85)
0.80
(20.30)
Ø 0.04 Dia.
(1.00)
0.50
(12.70)
0.24
(6.00)
ALL DIMENSIONS IN INCHES (mm)
Tolerance
:
±0.008 (0.2) max. on pin placement
±0.02 (0.5) max. on outer dimensions
2.0
(50.80)
0.20
(5.10)
-
+
1.80
(45.72)
2.00
(50.80)
Input
-
+
Output
COM 5V
BOTTOM VIEW
Pinout (Triple)
0.90
(22.85)
0.40
(10.20)
0.90
(22.85)
0.10
(2.54)
0.10
(2.54)
0.39
(10.10)
0.40
(10.20)
0.40
(10.20)
0.39
(10.10)
PIN CONNECTIONS
PIN NUMBER
SINGLE/DUAL OUTPUTS
TRIPLE OUTPUT
1
+ Input
+ Input
2
- Input
- Input
3
+ Vout
+ Output (V2)
4
Common
+ 5V
5
- Vout
Common
6
-
- Output (V3)
PAGE 3
15 Watt
Wide input DC/DC converters
15W DC/DC
|
DC/DC CONVERTERS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com