Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPD10 Datasheet(PDF) 1 Page - Artesyn Technologies

Part # LPD10
Description  Single, dual and triple output 10 Watt Wide input DC/DC converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LPD10 Datasheet(HTML) 1 Page - Artesyn Technologies

  LPD10 Datasheet HTML 1Page - Artesyn Technologies LPD10 Datasheet HTML 2Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LPD10 SERIES
Single, dual and triple output
[ 2 YEAR WARRANTY ]
• 4:1 wide input voltage range
• 16 models available including 3.3V outputs
• Input reflected ripple according to CEPT
• Continuous short circuit protection
• EN55022 conducted emissions level B
• Designed to meet EN60950 and IEC950
The LPD10 series of DC/DC converters offer 10 Watts output power in a 2 x 2
inch package. 3.3V single outputs are available along with standard single, dual
and triple outputs. All models feature short circuit protection as standard. The
dual and triple output models of the LPD series provide undervoltage lockout.
The LPD10 series complies with the rigorous EN55022 level B conducted
emissions. The optimized thermal design and the copper case allow operation
in ambient temperatures up to +70°C without derating or an additional heatsink.
SPECIFICATION All specifications are typical at nominal input, full load at 25°C unless otherwise stated
PAGE 108
EMC CHARACTERISTICS
Conducted noise
EN55022, FCC part 15
Level B
Radiated noise
EN55022, FCC part 15
Level B
GENERAL SPECIFICATIONS
Efficiency
See table
Isolation voltage
Input/output
500VDC
Isolation resistance
Input/output
108
Ω
Isolation capacitance
Input/output
1nF
Switching frequency
Fixed
180 to 220kHz
Approvals and
Safety
VDE0805, EN60950, IEC950
standards (pending)
UL1950, CSA C22.2 No. 950
Case material
Black coated, metal case
Material flammability
UL94V-0
Weight
65g (2.29oz)
MTBF
MIL-HDBK-217F
300,000 hours
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating ambient
-10°C to +70°C
(See derating curve)
Non-operating amb.
-25°C to +95°C
Case
+95°C max.
Derating
See derating curve
Cooling
Free air convection cooled
Relative humidity
Non-condensing
30% to 95%
Altitude
Operating
10,000 feet max.
Non operating
40,000 feet max.
Vibration
5Hz to 500Hz
2.5G rms (approx.)
Data Sheet © Artesyn Technologies® 2000
The information and specifications contained in this data sheet are believed to be correct at
time of publication. However, Artesyn Technologies accepts no responsibility for consequences
arising from printing errors or inaccuracies. Specifications are subject to change without notice.
No rights under any patent accompany the sale of any such product(s) or information contained
herein.
OUTPUT SPECIFICATIONS
Line regulation
LL to HL, singles and duals
±0.1%
LL to HL, triple output
±1.0%
Load regulation
Singles and duals:
±0.1%
10% to 100% FL
Triples: 10% to 100% FL
±3.0%
Cross regulation
Duals: asymmetrical load
4.0% max.
(See Note 1)
10% to 100% FL
Triples: asymmetrical load
5.0% max.
10% to 100% FL
Voltage accuracy
Singles
±2.0%
Duals
±3.0%
Minimum load
3.3V, 5V
50mA max.
Single 12V, 15V
20mA max.
Duals & triples, each output
10% FL
Overshoot
At start-up
3.0% max.
Ripple and noise
20MHz bandwidth
1.0% pk-pk, max.
20mV rms
Temperature coefficient
±0.02%/°C
Short circuit protection
Hiccup mode
Continuous
(See Note 2)
automatic recovery
INPUT SPECIFICATIONS
Input voltage range
24VDC nominal, FL
10 to 36VDC
48VDC nominal, FL
20 to 72VDC
Input current
See table
Undervoltage lockout
Dual and triple outputs
24V nominal
9.5VDC max.
48V nominal
18.5VDC max.
Start-up time
200ms


Similar Part No. - LPD10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LPD1886 ETC2-LPD1886 Datasheet
1Mb / 6P
Output three-channel constant current driving
More results

Similar Description - LPD10

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
HPD15 ARTESYN-HPD15 Datasheet
49Kb / 3P
Single, dual and triple output 15 Watt Wide input DC/DC converters
MHP10 ARTESYN-MHP10 Datasheet
44Kb / 3P
Single and dual output 10 Watt Wide input DC/DC converters
NFC10 ARTESYN-NFC10 Datasheet
45Kb / 2P
Single and dual output 10 Watt Wide input DC/DC converters
NFC15 ARTESYN-NFC15 Datasheet
47Kb / 2P
Single and dual output 15 Watt Wide input DC/DC converters
NFC20 ARTESYN-NFC20 Datasheet
47Kb / 2P
Single and dual output 20 Watt Wide input DC/DC converters
NFC25 ARTESYN-NFC25 Datasheet
162Kb / 3P
Triple output 25 Watt Wide input DC-DC converters
NFC40 ARTESYN-NFC40 Datasheet
72Kb / 3P
Single and triple output 40 Watt Wide input DC/DC converters
SDW30 ARTESYN-SDW30 Datasheet
43Kb / 2P
Single, dual and triple output 30 Watt Wide input DC/DC converters
logo
RSG Electronic Componen...
CFB200 RSG-CFB200 Datasheet
1Mb / 1P
200 WATT WIDE INPUT DC-DC CONVERTERS SINGLE OUTPUT
CHB75-D RSG-CHB75-D Datasheet
1Mb / 1P
75 WATT WIDE INPUT DC-DC CONVERTERS DUAL OUTPUT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com