Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPD10 Datasheet(PDF) 2 Page - Artesyn Technologies

Part # LPD10
Description  Single, dual and triple output 10 Watt Wide input DC/DC converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LPD10 Datasheet(HTML) 2 Page - Artesyn Technologies

  LPD10 Datasheet HTML 1Page - Artesyn Technologies LPD10 Datasheet HTML 2Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Notes
1
Cross regulation:
Duals: output 1, full load, 4.0%; output 2, minimum load, 4.0%.
Triples: output 1, full load, 2.0%; output 2 vs. output 3, 2.0%;
Triples: outputs 2 and 3 vs. output 1, 5.0%.
2
All 3V3 outputs, 1 minute max.
0W
0
°C 20°C 40°C 60°C 80°C 100°C
-10
°C
95
°C
DERATING CURVE
Output Power (Watts)
70
°C
10W
Ambient Temperature (
°C)
10 Watt
Wide input DC/DC converters
DC/DC CONVERTERS
|
10W DC/DC
INPUT
OUTPUT
OUTPUT
INPUT
TYPICAL
REGULATION (TYP.)
MODEL NUMBER
VOLTAGE
VOLTAGE
CURRENT
CURRENT
EFFICIENCY
LINE
LOAD
10-36VDC
3.3V
2000mA
381mA
72%
±0.1%
±0.2%
LPD10-24S3V3-C
10-36VDC
5.0V
2000mA
540mA
77%
±0.1%
±0.1%
LPD10-24S05-C
10-36VDC
12V
800mA
512mA
78%
±0.1%
±0.1%
LPD10-24S12-C
10-36VDC
15V
660mA
512mA
78%
±0.1%
±0.1%
LPD10-24S15-C
10-36VDC
±12V
±400mA
512mA
78%
±0.1%
±0.1%
LPD10-24D12-C
10-36VDC
±15V
±300mA
512mA
78%
±0.1%
±0.1%
LPD10-24D15-C
10-36VDC
5V/±12V
1000mA/±200mA
510mA
80%
±1.0%
±3.0%
LPD10-24T05-12
10-36VDC
5V/±15V
1000mA/±160mA
510mA
80%
±1.0%
±3.0%
LPD10-24T05-15
20-72VDC
3.3V
2000mA
190mA
72%
±0.1%
±0.1%
LPD10-48S3V3-C
20-72VDC
5.0V
2000mA
267mA
78%
±0.1%
±0.1%
LPD10-48S05-C
20-72VDC
12V
800mA
253mA
79%
±0.1%
±0.1%
LPD10-48S12-C
20-72VDC
15V
660mA
253mA
79%
±0.1%
±0.1%
LPD10-48S15-C
20-72VDC
±12V
±400mA
253mA
79%
±0.1%
±0.1%
LPD10-48D12-C
20-72VDC
±15V
±300mA
253mA
79%
±0.1%
±0.1%
LPD10-48D15-C
20-72VDC
5V/±12V
1000mA/±200mA
255mA
80%
±1.0%
±3.0%
LPD10-48T05-12
20-72VDC
5V/±15V
1000mA/±160mA
255mA
80%
±1.0%
±3.0%
LPD10-48T05-15
http://www.artesyn.com
ALL DIMENSIONS IN INCHES (mm)
Tolerance
:
±0.008 (0.2) max. on pin placement
±0.02 (0.5) max. on outer dimensions
Pinout (Single, Dual)
0.20
(5.10)
-
+
0.80
(20.30)
Input
-
+
Output
COM/N.C.
BOTTOM VIEW
0.60
(15.25)
0.42
(10.70)
2.00
(50.80)
Ø 0.04 Dia.
(1.00)
0.24
(6.00)
2.00
(50.80)
0.60
(15.25)
0.60
(15.25)
0.60
(15.25)
0.90
(22.85)
0.90
(22.85)
0.80
(20.30)
Ø 0.04 Dia.
(1.00)
0.50
(12.70)
0.24
(6.00)
ALL DIMENSIONS IN INCHES (mm)
Tolerance
:
±0.008 (0.2) max. on pin placement
±0.02 (0.5) max. on outer dimensions
2.0
(50.80)
0.20
(5.10)
-
+
1.80
(45.72)
2.00
(50.80)
Input
-
+
Output
COM 5V
BOTTOM VIEW
Pinout (Triple)
0.90
(22.85)
0.40
(10.20)
0.90
(22.85)
0.10
(2.54)
0.10
(2.54)
0.39
(10.10)
0.40
(10.20)
0.40
(10.20)
0.39
(10.10)
PAGE 109
5



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com