Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YB2-25CWCKS1 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # YB2-25CWCKS1
Description  illuminated pushbutton switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

YB2-25CWCKS1 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button YB2-25CWCKS1 Datasheet HTML 7Page - List of Unclassifed Manufacturers YB2-25CWCKS1 Datasheet HTML 8Page - List of Unclassifed Manufacturers YB2-25CWCKS1 Datasheet HTML 9Page - List of Unclassifed Manufacturers YB2-25CWCKS1 Datasheet HTML 10Page - List of Unclassifed Manufacturers YB2-25CWCKS1 Datasheet HTML 11Page - List of Unclassifed Manufacturers YB2-25CWCKS1 Datasheet HTML 12Page - List of Unclassifed Manufacturers YB2-25CWCKS1 Datasheet HTML 13Page - List of Unclassifed Manufacturers YB2-25CWCKS1 Datasheet HTML 14Page - List of Unclassifed Manufacturers YB2-25CWCKS1 Datasheet HTML 15Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
481
新商品
トグル
ロッカ
押ボタン
照光式押ボタン
多機能押ボタン
非常停止
ユニバーサル
デ
ザ
イ
ン
キーロック
ロータリ
スライド
タクティル
傾
 
斜
タッチパネル
シートキーボード
表示灯
規格品
付属品
取扱説明
ご使用の際には「安全に関するご注意」A-9ページ,「取扱い説明」D-1ページ~をご確認ください。
○市販抵抗値(精度±5%)とワット数です。
VF
E
主な電源電圧と抵抗値表
周囲温度 Ta=25℃の時
ⅠF
5V
6V
9V
12V
14V
16V
18V
22V
24V
28V
V
mA
Ω
W Ω
W Ω
W Ω
W Ω
W Ω
W Ω
W Ω
W Ω
W Ω
W
2.15
16
180 1/4 240 1/4 430 1/2 620 1/2 750
1 910
1 1k
1 1.2k
1 1.3k
1 1.6k
2
20
150 1/4 200 1/4 360 1/2 510 1/2 620
1 680
1 820
1 1k
1 1.1k
2 1.3k
2
2.16
16
180 1/4 240 1/4 430 1/2 620 1/2 750
1 910
1 1k
1 1.2k
1 1.3k
1 1.6k
2
2.2
20
150 1/4 200 1/4 360 1/2 510
1 620
1 680
1 820
1 1k
2 1.1k
2 1.3k
2
30
91 1/2 130 1/2 220
1 330
1 390
1 470
2 510
2 680
2 750
2 820
3
2.35
40
68 1/2 91 1/2 160
1 240
1 300
2 330
2 390
2 510
3 560
3 620
3
2.42
40
68 1/2 91 1/2 160
1 240
1 300
2 330
2 390
2 510
3 560
3 620
3
2.8
20
110 1/4 160 1/4 330 1/2 470 1/2 560
1 680
1 750
1 1k
1 1.1k
2 1.3k
2
25
91 1/4 130 1/4 240 1/2 390
1 470
1 560
1 620
1 750
2 820
2 1k
2
3.3
20
91 1/8 150 1/4 300 1/2 470
1 560
1 680
1 750
1 1k
2 1.1k
2 1.3k
2
30
56 1/4 91 1/4 200
1 300
1 360
1 430
2 510
2 680
2 750
3 910
3
3.4
60
27 1/4 43 1/2 91
1 150
2 180
2 220
2 240
3 330
3 360
3 430
4
3.6
20
68 1/8 120 1/8 270 1/4 430 1/2 510 1/2 620
1 750
1 910
1 1k
1 1.2k
2
30
47 1/8 82 1/4 180 1/2 300
1 360
1 430
1 510
2 620
2 680
2 820
1
3.8
30
39 1/8 75 1/4 180 1/2 270
1 330
1 430
1 470
1 620
2 680
2 820
2
3.9
30
36 1/8 68 1/4 180 1/2 270
1 330
1 430
1 470
1 620
2 680
2 820
2
35
33 1/8 62 1/4 150 1/2 240
1 300
1 360
2 390
2 510
2 560
3 680
3
4.0
30
33 1/8 68 1/4 180 1/2 270
1 330
1 390
1 470
1 620
2 680
2 820
2
4.2
30
27 1/8 62 1/4 160 1/2 270
1 330
1 390
1 470
1 620
2 680
2 820
2
80
10 1/4 22 1/2 62
1 100
2 120
2 150
3 180
3 220
4 240
4 300
5
4.3
30
24 1/8 56 1/4 160 1/2 270
1 300
1 390
1 470
2 620
2 680
2 820
2
4.4
80
7.5 1/8 20 1/2 56
1 100
2 120
2 150
3 180
3 220
4 240
4 300
5
7.8
17
-
-
75 1/8 270 1/4 360 1/2 470 1/2 620 1/2 910
1 1k
1 1.2k
1
8.6
15
-
-
27 1/8 220 1/4 360 1/4 510 1/2 620 1/2 910
1 1k
1 1.3k
1
⃝LEDの制限抵抗計算



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com