Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ER03-R2M Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ER03-R2M
Description  Miniature Circular Connectors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ER03-R2M Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ER03-R2M Datasheet HTML 1Page - List of Unclassifed Manufacturers ER03-R2M Datasheet HTML 2Page - List of Unclassifed Manufacturers ER03-R2M Datasheet HTML 3Page - List of Unclassifed Manufacturers ER03-R2M Datasheet HTML 4Page - List of Unclassifed Manufacturers ER03-R2M Datasheet HTML 5Page - List of Unclassifed Manufacturers ER03-R2M Datasheet HTML 6Page - List of Unclassifed Manufacturers ER03-R2M Datasheet HTML 7Page - List of Unclassifed Manufacturers ER03-R2M Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TAJIMI ELECTRONICS CO.,LTD.
極数
Number of contacts
2
3
5
6
8
12
接続方式
Locking style
ER03 Series → ネジ結合 Screw / ER05 Series → バヨネット結合 Bayonet
耐電圧
Withstanding voltage
AC900V
AC500V
AC900V
AC700V
AC900V
絶縁抵抗
Insulation resistance
DC500V 1,000MΩ Min.
接触抵抗
Contact resistance
8mΩ Max.
繰 返 し 動 作
Durability mating cycles
1,000 回 (cycles)
耐振性
Vibration resistance
10 to 55Hz/サイクル(cycle), 片振幅(Single amplitude)0.75mm
耐衝撃性
Shock resistance
加速度(Acceleration) : 490m/s²
使用温度範囲
Operating temperature range
−25℃ to +85℃
結線方法
Wire termination method
ハンダ付 Soldering
3
Miniature Circular Connectors
ER03 & ER05 Series
この製品は防水仕様ではありません。防水仕様は、別途 ER04 Seriesをご参照ください。
This product is not waterproof. Waterproof type → Please refer to ER04 Series.
部 品 名
Item
材
質
Material
処理 / 色
Finish/Color
備考
Remarks
内外殻金属部品 Body
黄銅/亜鉛合金
Zinc Alloy , Brass
ニッケルメッキ
Nickel plated
コ ン タ ク ト
Contact
銅 合 金
Copper alloy
ニッケル下地金メッキ
Gold over Nickel plated
絶 縁 物
Insulator
PPS樹脂
PPS
黒色
Black
UL94V-0
極
数 Number of contacts
2
3
5
6
8
12
コンタクト配列
Contact arrangement
ピンコンタクトの裏面より見た図
(ハンダ付側)
定格電圧 Rated voltage
AC300V
AC300V
AC150V
AC300V
AC200V
AC300V
定格電流 Rated current
2A (1端子当たり) pos.
適合電線 Applicable wire size
AWG#24 Max. / 0.2㎟ Max.
Rear view of pin contact or
Front of socket contact illustrated.
ピンコンタクト or ソケットコンタクト
Male contact or Female contact
ワッシャ Washer
六角ナット Hexagon nut
絶縁物 Insulator
絶縁物 Insulator
接続リング Coupling ring
リア―シェル Rear shell
止めネジ Set screw
シェル Shell
インサートシェル Insert shell
ER03-R8M
ER03-PB8F



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com