Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ER03-R2M Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # ER03-R2M
Description  Miniature Circular Connectors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ER03-R2M Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  ER03-R2M Datasheet HTML 1Page - List of Unclassifed Manufacturers ER03-R2M Datasheet HTML 2Page - List of Unclassifed Manufacturers ER03-R2M Datasheet HTML 3Page - List of Unclassifed Manufacturers ER03-R2M Datasheet HTML 4Page - List of Unclassifed Manufacturers ER03-R2M Datasheet HTML 5Page - List of Unclassifed Manufacturers ER03-R2M Datasheet HTML 6Page - List of Unclassifed Manufacturers ER03-R2M Datasheet HTML 7Page - List of Unclassifed Manufacturers ER03-R2M Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
このカタログは2021年4月現在のものです
―ご使用に際して―
本カタログに掲載している製品の特性、 及び仕様は参考値です。
製品を使用する際は、最新の納入仕様書で内容のご確認をお願い致します。
本カタログの掲載内容は、製品の改良などのために予告なしに変更(仕様変更、製造中止を含む)することがあります。
― Notice ―
The characteristics and the specifications contained herein are for reference purpose. Please refer to the latest customer drawings prior to use.
The contents of this catalog are current as of date of 04/2021. Contents are subject to change without notice for the purpose of improvements.
多治見無線電機株式会社
〒150-0022 東京都渋谷区恵比寿南2-29-1
本社営業部
TEL 03-3713-7131(代)
品質と信頼の結晶
TAJIMI ELECTRONICS CO.,LTD.
2-29-1 ,Ebisu-Minami, Shibuya-Ward, Tokyo 150-0022 Japan
Contact us : Trade Division +81-3-3713-7131
ER03 & ER05 Series
Miniature Circular Connectors
新製品(ER03、ER05シリーズ)と従来製品(R03、R05シリーズ)の相違点
Differences between new products(ER03 series/ER05 series) and conventional products(R03 series/R05 series).
● 絶縁物の材質
Material of Insulator
新製品
New Products
従来品
Conventional products
シリーズ名 Series name
ER03 series ・ ER05 series
R03 series ・R05 series
ピンコンタクトタイプ
Male contact type
PPS樹脂(黒)
PPS(Black)
PBT樹脂(ブルー) PBT(Blue)
ソケットコンタクトタイプ
Female contact type
PBT樹脂(白)
PBT(White)
例:
SF形レセプタクル
ex.
Scare Flange-Receptacle
● はんだ耐熱性
Resistance to soldering heat
新製品
New Products
従来品
Conventional products
シリーズ名 Series name
ER03 series ・ ER05 series
R03 series ・R05 series
-条件 Conditions-
はんだ温度 Temperature of solder iron tip
浸せき時間 Duration of applying a solder iron
350±10℃
5±1秒
260±5℃
5±1秒
Black
Black
Blue
White



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com