Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EAC Datasheet(PDF) 2 Page - COSEL CO., LTD.

Part # EAC
Description  Small, Single phase input type (1-Stage filter)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

EAC Datasheet(HTML) 2 Page - COSEL CO., LTD.

  EAC Datasheet HTML 1Page - COSEL CO., LTD. EAC Datasheet HTML 2Page - COSEL CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EAC/EAM/EAP series
Mounting Plate
Closed the terminal cover
Terminal cover
M4
M4
2-M4
2-M4
2-f4.8
Mounting Hole
Protection Earth
Name Plate
Terminal cover
Terminal cover
Protection Earth
85
[3.35]
[2.95]
[2.83]
[0.19]
75 ±0.5
72
11.5
21
2.5
[0.1][0.83]
[0.45]
Terminal
Input
Terminal
Output
Tolerance : ±1 [±0.04]
Weight : 170g max
Mounting Plate : Iron (surface finishing:nickel plating) =1.0 [0.04]
Case PBT
Dimensions in mm, [ ]=inches
Terminal block screw tightening torque M4 1.6N m(16.9kgf cm)max
This product is shipped in the following condition,because it is equipped with push-down terminals.
1
The terminal cover is retracted inside the unit.
2
The screws for connecting the terminals are held in the up right position.
¡Note when installing the EMI/EMC
Filter on a DIN rail.
When the EMI/EMC Filter is grounded through
the DIN rail, the proper noise attenuation may not
be achieved.
Be sure to connect the protection earth (PE) of
the EMI/EMC Filter body to the earth.
At least one PE connection is required.
Closed the terminal cover
Mounting Plate
M4
M4
2-M4
2-M4
Protection Earth
Terminal cover
Terminal cover
Protection Earth
Terminal cover
DIN rail
Name Plate
8.5 +2
-1
85
[3.35]
[0.33]
[0.1][0.83]
[0.45]
[2.83]
72
11.5
21
2.5
Terminal
Input
Terminal
Output
Tolerance : ±1 [±0.04]
Weight : 170g max
Mounting Plate : Iron (surface finishing:nickel plating) =1.0 [0.04]
Case PBT
Dimensions in mm, [
]=inches
Terminal block screw tightening torque M4 1.6N m(16.9kgf cm)max
(4.2)
[0.17]
Standard Type
DIN rail installation Type
Name Plate
DIN rail
External view
EA/ES-2
October 06, 2021



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com