Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EAC Datasheet(PDF) 1 Page - COSEL CO., LTD.

Part # EAC
Description  Small, Single phase input type (1-Stage filter)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

EAC Datasheet(HTML) 1 Page - COSEL CO., LTD.

  EAC Datasheet HTML 1Page - COSEL CO., LTD. EAC Datasheet HTML 2Page - COSEL CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EAC/EAM/EAP series
Small, Single phase input type (1-Stage filter)
EAC -10 -472 -O
Ordering information
*The dimensions change when the option is set.
Refer to External view.
1
2
3
4
Features of EAC/EAM/EAP series
Circuit Diagram
Derating Curve
LINE
Case
: Mounting Plate
1
2
4
3
CY
CY
CY : Line to ground capacitor
LOAD
-
Single Phase 250VAC (1-Stage filter)
-
Small size
-
Quick and easy push-down terminal
Just connect the wires, push-down and tighten the screws with a screwdriver
EAC : Attenuation type from 150kHz to 1MHz
EAM : Low leakage current type
EAP : Outside impulse attenuation type
Ambient Temperature [C]
90
50
60
70
80
20
0
-4040
-30-20
100
80
60
40
55
Specifications
No.
Items
EAC-03-472
EAC-06-472
EAC-10-472
EAC-16-472
EAC-20-472
EAC-30-472
EAM-03-000
EAM-06-000
EAM-10-000
EAM-16-000
EAM-20-000
EAM-30-000
EAP-03-472
EAP-06-472
EAP-10-472
EAP-16-472
EAP-20-472
EAP-30-472
1
Rated Voltage[V]
AC 1f 250 / DC250
2
Rated Current[A]
3
6
10
16
20
30
3
Test Voltage (Terminal-Mounting Plate)
2,500 VAC (Cutoff Current = 20mA), 1minute at room temperature and humidity
4
Isolation Resistance (Terminal-Mounting Plate)
500 VDC 500MW min at room temperature and humidity
5
Leakage current
Refer to table 1.1
6
DC resistance
180mW max
110mW max
40mW max
20mW max
10mW max
6mW max
7
Safety agency approval temperatures
-25 to +85C (Refer to Derating Curve)
8
Operating temperature
-40 to +85C (Refer to Derating Curve)
9
Operating humidity
20 to 95%RH (Non condensing)
10
Storage temperature/humidity
-40 to +85C/20 to 95%RH (Non condensing)
11
Vibration
10 to 55Hz, 19.6m/s2 (2G), 3min. Period, 1hour each X, Y and Z axis
12
Impact
196.1m/s2 (20G), 11ms Once each X, Y and Z axis
13
Safety agency approvals
UL1283, CSA C22.2 No.8 (C-UL), DIN EN60939 VDE0565 Teil3-1, ENEC (At only AC input)
14
Case size (without projection) /Weight
39X30X85 mm [1.54X1.18X3.35 inches] (WXHXD) /170g max (Option : -D refer to external view)
DIN rail installation type is option
The terminal cover is retracted inside the unit
1
Series Name
2
Rated Current
3
Line to ground capacitor code: Refer to table 1.1.
table1.1 Line to ground capacitor code
Code
EAC
EAM
EAP
Leakage Current
(Input 125/250V 60Hz)
Line to ground
capacitor
(nominal value)
000
● ● 5
A /
10 A max Not Provided
101
● ● 12.5
A /
25 A max
100pF
221
● ● 25
A /
50 A max
220pF
331
● ● 37.5
A /
75 A max
330pF
471
● ● 50
A / 100 A max
470pF
681
●
● 75.5
A / 150 A max
680pF
102
●
● 0.13mA / 0.25mA max 1,000pF
222
●
● 0.25mA / 0.5 mA max 2,200pF
332
●
● 0.38mA / 0.75mA max 3,300pF
472
●
● 0.5 mA / 1.0 mA max 4,700pF
*When the line to ground capacitor code is
different, the attenuation characteristic is
different.
4
Option
D :DIN rail installation type
EA/ES-1
R
October 06, 2021


Similar Part No. - EAC

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
EAC10 EATON-EAC10 Datasheet
1Mb / 6P
10 x 32 mm high breaking capacity fuse
August 2022
EAC10-40 EATON-EAC10-40 Datasheet
1Mb / 6P
10 x 32 mm high breaking capacity fuse
August 2022
EAC10-40-PCB EATON-EAC10-40-PCB Datasheet
1Mb / 6P
10 x 32 mm high breaking capacity fuse
August 2022
EAC10-50 EATON-EAC10-50 Datasheet
1Mb / 6P
10 x 32 mm high breaking capacity fuse
August 2022
EAC10-63 EATON-EAC10-63 Datasheet
1Mb / 6P
10 x 32 mm high breaking capacity fuse
August 2022
More results

Similar Description - EAC

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FMAD SCHURTER-FMAD Datasheet
714Kb / 5P
1-stage filter for 3-phase systems with neutral conductor
FMABCEE SCHURTER-FMABCEE Datasheet
327Kb / 3P
1-stage filter with 1-phase CEE connector
FMADCEE SCHURTER-FMADCEE Datasheet
322Kb / 3P
1-stage filter with 3-phase CEE connector
FMABCEE SCHURTER-FMABCEE_V01 Datasheet
372Kb / 4P
1-stage filter with 1-phase CEE connector
FMAC SCHURTER-FMAC_V01 Datasheet
848Kb / 8P
1- stage filter for 3-phase systems
FMADCEE SCHURTER-FMADCEE_V01 Datasheet
362Kb / 4P
1-stage filter with 3-phase CEE connector
FMADCP SCHURTER-FMADCP Datasheet
442Kb / 4P
1-stage filter for 3-phase systems with neutral conductor
FMADNEO SCHURTER-FMADNEO Datasheet
749Kb / 6P
1-stage filter for 3-phase systems
logo
COSEL CO., LTD.
NBH COSEL-NBH Datasheet
449Kb / 2P
Single phase input type (2-Stage filter)
July 21, 2022
NBM-16-471 COSEL-NBM-16-471 Datasheet
466Kb / 2P
Single phase input type (2-Stage filter)
July 21, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com