Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMWS Datasheet(PDF) 4 Page - Vishay Siliconix

Part # AMWS
Description  Wirewound/Metal Film Resistors, Commercial Power, Axial Lead
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

AMWS Datasheet(HTML) 4 Page - Vishay Siliconix

  AMWS Datasheet HTML 1Page - Vishay Siliconix AMWS Datasheet HTML 2Page - Vishay Siliconix AMWS Datasheet HTML 3Page - Vishay Siliconix AMWS Datasheet HTML 4Page - Vishay Siliconix AMWS Datasheet HTML 5Page - Vishay Siliconix AMWS Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AMWS
Wirewound/Metal Film Resistors,
Commercial Power, Axial Lead
Vishay Phoenix
Document Number: 30250
For technical questions, contact: ww2aresistors@vishay.com
www.vishay.com
Revision: 19-Feb-08
4
End-of-Life Vishay Phoenix Product
Examples of the Ohmic Value
The ohmic value in the NAFTA ordering code (see table
NAFTA ORDERING INFORMATION) is represented by the
“xxxxx“ in the middle of the above ordering code. The table
“Examples of the Ohmic Value” gives some examples on
how to use these 5 digits.
Example:
AMW03S, 100
Ω, ± 5 %, flat case, box of 250 pieces is
AMW03S100R0J
NAFTA ORDERING INFORMATION
PRODUCT
TOLERANCE
NAFTA
ORDERING CODE
VERSION
LEAD Ø
in millimeters
(inches)
PACKAGING
QUANTITY
(pieces)
AMW03S
± 5 %
AMW03SxxxxxJ
FLAT
0.80
(0.031)
BOX
250
AMW03SxxxxxJSO
STAND-OFF
AMW05S
AMW05SxxxxxJ
FLAT
AMW05SxxxxxJSO
STAND-OFF
AMW07S
AMW07SxxxxxJ
FLAT
AMW07SxxxxxJSO
STAND-OFF
AMW10S
AMW10SxxxxxJ
FLAT
AMW10SxxxxxJSO
STAND-OFF
Value
5 DIGITS
1
Ω
1R000
10
Ω
10R00
100
Ω
100R0
1 k
Ω
1K000
10 k
Ω
10K00
100 k
Ω
100K0
PACKAGING in millimeters (inches)
PRODUCT
VERSION
P
M
N
QUANTITY
(pieces)
AMW03S
FLAT
227 (8.94)
92 (3.63)
100 (3.94)
250
STAND-OFF
227 (8.94)
92 (3.63)
-
AMW05S
FLAT
227 (8.94)
92 (3.63)
100 (3.94)
STAND-OFF
227 (8.94)
92 (3.63)
-
AMW07S
FLAT
256 (10.08)
92 (3.63)
105 (4.14)
STAND-OFF
256 (10.08)
92 (3.63)
-
AMW10S
FLAT
256 (10.08)
105 (4.14)
105 (4.14)
STAND-OFF
256 (10.08)
105 (4.14)
-
P
N
M



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com