Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMWS Datasheet(PDF) 3 Page - Vishay Siliconix

Part # AMWS
Description  Wirewound/Metal Film Resistors, Commercial Power, Axial Lead
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

AMWS Datasheet(HTML) 3 Page - Vishay Siliconix

  AMWS Datasheet HTML 1Page - Vishay Siliconix AMWS Datasheet HTML 2Page - Vishay Siliconix AMWS Datasheet HTML 3Page - Vishay Siliconix AMWS Datasheet HTML 4Page - Vishay Siliconix AMWS Datasheet HTML 5Page - Vishay Siliconix AMWS Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AMWS
Vishay Phoenix
Wirewound/Metal Film Resistors,
Commercial Power, Axial Lead
www.vishay.com
For technical questions, contact: ww2aresistors@vishay.com
Document Number: 30250
3
Revision: 19-Feb-08
End-of-Life Vishay Phoenix Product
MARKING
The resistor is marked with the resistor type designation,
nominal resistance value, tolerance, rated power and the
production date (week and year), in red on the resistor body.
Example: AMW07S - 5.1 k
Ω - 5 % - week 02 - year 2005
Example:
Last Digit of Ordering Code
The resistors have 12 digit ordering code starting with 2306.
The next 5 digits indicate the resistor type and packaging,
see table ORDERING INFORMATION.
The last 3 digits indicate the resistance value:
- The first 2 digits of these last 3 indicate the actual
resistance value
- The last digit indicates the resistance decade in
accordance with table “Last Digit of Ordering Code”
Example:
AMW03S, 100
Ω, 5 %, flat case, box of 250 pieces is
2306 270 13101
PHX
AMW07S
502
5K1
5 %
7 W
ORDERING INFORMATION
PRODUCT
TOLERANCE
ORDERING
CODE
VERSION
LEAD Ø
in millimeters
(inches)
PACKAGING
QUANTITY
(pieces)
AMW03S
± 5 %
2306 270 13xxx
FLAT
0.80
(0.031)
BOX
360
2306 270 23xxx
STAND-OFF
300
AMW05S
2306 271 13xxx
FLAT
250
2306 271 23xxx
STAND-OFF
AMW07S
2306 272 13xxx
FLAT
2306 272 23xxx
STAND-OFF
AMW10S
2306 273 13xxx
FLAT
2306 273 23xxx
STAND-OFF
RESISTANCE
DECADE
LAST DIGIT
0.1
Ω - 0.91 Ω
7
1
Ω - 9.1 Ω
8
10
Ω - 91 Ω
9
100
Ω - 910 Ω
1
1 k
Ω - 9.1 kΩ
2
10 k
Ω - 91 kΩ
3
100 k
Ω - 910 kΩ
4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com