Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDP Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TDP
Description  Molded, Dual-In-Line Thin Film Resistor, Through-Hole Network
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TDP Datasheet(HTML) 3 Page - Vishay Siliconix

  TDP Datasheet HTML 1Page - Vishay Siliconix TDP Datasheet HTML 2Page - Vishay Siliconix TDP Datasheet HTML 3Page - Vishay Siliconix TDP Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TDP
www.vishay.com
Vishay Dale Thin Film
Revision: 07-Apr-2021
3
Document Number: 60045
For technical questions, contact: thinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) A tolerance on 250
Ω up
MECHANICAL SPECIFICATIONS
Resistive Element
Passivated nichrome
Substrate Material
Silicon
Body
Conformal coated
Terminals
Copper alloy
Tin/Lead Option
Sn90
Lead (Pb)-free Option
100 % matte tin
Tin/Lead and Lead (Pb)-free Finish
Hot solder dip
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: TDP14031002BUF
GLOBAL MODEL
(3 or 4 digits)
PINS
SCHEMATICS
RESISTANCE
TOLERANCE AND
RATIO TOLERANCE
PACKAGING
TDP
(Tin lead)
TDPT
(Lead (Pb)-free)
(e3)
14
16
01 = 13 or 15
resistors with
1 common pin
03 = 7 or 8
isolated resistors
First 3 digits are
significant figures
and the last digit
specifies the
number of zeroes
to follow.
Absolute
A = ± 0.1 % (1)
B = ± 0.1 %
C = ± 0.25 %
D = ± 0.5 %
F = ± 1.0 %
Ratio
± 0.05 %
± 0.1 %
± 0.1 %
± 0.1 %
± 0.5 %
UF = Tubed
e.g.: 1001 = 1K
1002 = 10K
Historical Part Number example: TDP14031001F (for reference purposes only)
TDP
14
03
1001
F
SERIES
PINS
SCHEMATIC
RESISTANCE
TOLERANCE AND
RATIO TOLERANCE
P
T
16
31
0
0
TD
3A
U
0
F
P3
0
0
TD
2B
U
0
F
1
14



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com